Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4071 Datasheet (PDF) - Intersil Corporation

CD4071 Datasheet PDF - Intersil Corporation
Part # CD4071
Download  CD4071 Download
File Size   114.68 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS OR Gate

CD4071 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4071 Datasheet PDF - Intersil Corporation

Part # CD4071
Download  CD4071 Click to download

File Size   114.68 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS OR Gate

CD4071 Datasheet (HTML) - Intersil Corporation


CD4071 Product details

Description

CD4071BMS, CD4072BMS and CD4075BMS OR gates provide the system designer with direct implementation of the positive-logic OR function and supplement the existing family of CMOS gates.

The CD4071BMS, CD4072BMS and CD4075BMS are supplied in these 14 lead outline packages:



Features

• High-Voltage Types (20V Rating)

• CD4071BMS Quad 2-Input OR Gate

• CD4072BMS Dual 4-Input OR Gate

• CD4075BMS Triple 3-Input OR Gate

• Medium Speed Operation:

- tPHL, tPLH = 60ns (typ) at 10V

• 100% Tested for Quiescent Current at 20V

• Maximum Input Current of 1µA at 18V Over Full Package Temperature Range; 100nA at 18V and +25oC

• Standardized Symmetrical Output Characteristics

• Noise Margin (Over Full Package Temperature Range):

  - 1V at VDD = 5V

  - 2V at VDD = 10V

  - 2.5V at VDD = 15V

• 5V, 10V and 15V Parametric Ratings

• Meets All Requirements of JEDEC Tentative Standard No. 13B, “Standard Specifications for Description of ‘B’ Series CMOS Devices”



 




Similar Part No. - CD4071

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4071 NSC-CD4071 Datasheet
182Kb / 8P
Quad 2-Input OR, AND Buffered B Series Gate
logo
Texas Instruments
CD4071 TI-CD4071 Datasheet
209Kb / 5P
CMOS OR GATES
logo
Fairchild Semiconductor
CD4071 FAIRCHILD-CD4071 Datasheet
96Kb / 7P
Quad 2-Input OR Buffered B Series Gate . Quad 2-Input AND Buffered B Series Gate
logo
List of Unclassifed Man...
CD4071 ETC2-CD4071 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
SYC Electronica
CD4071-72 SYC-CD4071-72 Datasheet
150Kb / 10P
CMOS OR Gate
More results


Similar Description - CD4071

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4030B TI-CD4030B Datasheet
497Kb / 11P
CMOS QUAD EXCLUSIVE-OR GATE
logo
Intersil Corporation
CD4030BMS INTERSIL-CD4030BMS Datasheet
59Kb / 7P
CMOS Quad Exclusive-OR Gate
December 1992
logo
Texas Instruments
CD4030A TI-CD4030A Datasheet
995Kb / 6P
CMOS Quad Excluslve-OR Gate
CD4078BF TI-CD4078BF Datasheet
927Kb / 16P
CMOS 8-input NOR/OR Gate
logo
Unisonic Technologies
UCD4070B UTC-UCD4070B Datasheet
213Kb / 5P
CMOS QUAD EXCLUSIVE-OR GATE
UCD4070B UTC-UCD4070B_15 Datasheet
224Kb / 5P
CMOS QUAD EXCLUSIVE-OR GATE
logo
Texas Instruments
CD4019B TI1-CD4019B_15 Datasheet
938Kb / 16P
CMOS Quad AND/OR Gate
CD4030B TI1-CD4030B_15 Datasheet
1Mb / 16P
CMOS Quad Exclusive - OR Gate
logo
Renesas Technology Corp
CD4030BMS RENESAS-CD4030BMS Datasheet
304Kb / 7P
CMOS Quad Exclusive-OR Gate
December 1992
CD4071BMS RENESAS-CD4071BMS Datasheet
396Kb / 11P
CMOS OR Gate
December 1992
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com