Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4071 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD4071
Description  CMOS OR Gate
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4071 Datasheet(HTML) 1 Page - Intersil Corporation

  CD4071 Datasheet HTML 1Page - Intersil Corporation CD4071 Datasheet HTML 2Page - Intersil Corporation CD4071 Datasheet HTML 3Page - Intersil Corporation CD4071 Datasheet HTML 4Page - Intersil Corporation CD4071 Datasheet HTML 5Page - Intersil Corporation CD4071 Datasheet HTML 6Page - Intersil Corporation CD4071 Datasheet HTML 7Page - Intersil Corporation CD4071 Datasheet HTML 8Page - Intersil Corporation CD4071 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
7-444
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD4071BMS, CD4072BMS
CD4075BMS
CMOS OR Gate
Pinout
CD4071BMS
TOP VIEW
CD4072BMS
TOP VIEW
CD4075BMS
TOP VIEW
A
B
J = A + B
K = C + C
C
D
VSS
VDD
H
G
M = G + H
L = E + F
F
E
1
2
3
4
5
6
7
14
13
12
11
10
9
8
J = A + B + C + D
A
B
C
D
NC
VSS
VDD
K = E +F + G + H
H
G
F
E
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC = NO CONNECTION
A
B
D
E
F
K = D + E + F
VSS
VDD
G
H
I
L = G + H + I
J = A + B + C
C
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Features
• High-Voltage Types (20V Rating)
• CD4071BMS Quad 2-Input OR Gate
• CD4072BMS Dual 4-Input OR Gate
• CD4075BMS Triple 3-Input OR Gate
• Medium Speed Operation:
- tPHL, tPLH = 60ns (typ) at 10V
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1
µA at 18V Over Full Pack-
age Temperature Range; 100nA at 18V and +25oC
• Standardized Symmetrical Output Characteristics
• Noise Margin (Over Full Package Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Description
CD4071BMS, CD4072BMS and CD4075BMS OR gates pro-
vide the system designer with direct implementation of the
positive-logic OR function and supplement the existing fam-
ily of CMOS gates.
The CD4071BMS, CD4072BMS and CD4075BMS are supplied
in these 14 lead outline packages:
Braze Seal DIP
*H4H
†H4Q
Frit Seal DIP
H1B
Ceramic Flatpack
H3W
*CD4071, CD4072
†CD4075 Only
File Number
3323
December 1992


Similar Part No. - CD4071

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4071 NSC-CD4071 Datasheet
182Kb / 8P
Quad 2-Input OR, AND Buffered B Series Gate
logo
Texas Instruments
CD4071 TI-CD4071 Datasheet
209Kb / 5P
CMOS OR GATES
logo
Fairchild Semiconductor
CD4071 FAIRCHILD-CD4071 Datasheet
96Kb / 7P
Quad 2-Input OR Buffered B Series Gate . Quad 2-Input AND Buffered B Series Gate
logo
List of Unclassifed Man...
CD4071 ETC2-CD4071 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
SYC Electronica
CD4071-72 SYC-CD4071-72 Datasheet
150Kb / 10P
CMOS OR Gate
More results

Similar Description - CD4071

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4030B TI-CD4030B Datasheet
497Kb / 11P
CMOS QUAD EXCLUSIVE-OR GATE
logo
Intersil Corporation
CD4030BMS INTERSIL-CD4030BMS Datasheet
59Kb / 7P
CMOS Quad Exclusive-OR Gate
December 1992
logo
Texas Instruments
CD4030A TI-CD4030A Datasheet
995Kb / 6P
CMOS Quad Excluslve-OR Gate
CD4078BF TI-CD4078BF Datasheet
927Kb / 16P
CMOS 8-input NOR/OR Gate
logo
Unisonic Technologies
UCD4070B UTC-UCD4070B Datasheet
213Kb / 5P
CMOS QUAD EXCLUSIVE-OR GATE
UCD4070B UTC-UCD4070B_15 Datasheet
224Kb / 5P
CMOS QUAD EXCLUSIVE-OR GATE
logo
Texas Instruments
CD4019B TI1-CD4019B_15 Datasheet
938Kb / 16P
CMOS Quad AND/OR Gate
CD4030B TI1-CD4030B_15 Datasheet
1Mb / 16P
CMOS Quad Exclusive - OR Gate
logo
Renesas Technology Corp
CD4030BMS RENESAS-CD4030BMS Datasheet
304Kb / 7P
CMOS Quad Exclusive-OR Gate
December 1992
CD4071BMS RENESAS-CD4071BMS Datasheet
396Kb / 11P
CMOS OR Gate
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com