Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC812BS Datasheet (PDF) - Analog Devices

ADUC812BS Datasheet PDF - Analog Devices
Part # ADUC812BS
Download  ADUC812BS Download
File Size   1190.16 Kbytes
Page   60 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description MicroConverter짰, Multichannel 12-Bit ADC with Embedded Flash MCU

ADUC812BS Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUC812BS Datasheet PDF - Analog Devices

Part # ADUC812BS
Download  ADUC812BS Click to download

File Size   1190.16 Kbytes
Page   60 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description MicroConverter짰, Multichannel 12-Bit ADC with Embedded Flash MCU

ADUC812BS Datasheet (HTML) - Analog Devices


ADUC812BS Product details

GENERAL DESCRIPTION
The ADuC812 is a fully integrated 12-bit data acquisition system incorporating a high performance self-calibrating multichannel ADC, dual DAC, and programmable 8-bit MCU (8051 instruction set compatible) on a single chip.
   
FEATURES
    Analog I/O
        8-Channel, High Accuracy 12-Bit ADC
        On-Chip, 100 ppm/C Voltage Reference
        High Speed 200 kSPS
        DMA Controller for High Speed ADC-to-RAM Capture
        2 12-Bit Voltage Output DACs
        On-Chip Temperature Sensor Function
    Memory
        8K Bytes On-Chip Flash/EE Program Memory
        640 Bytes On-Chip Flash/EE Data Memory
        256 Bytes On-Chip Data RAM
        16M Bytes External Data Address Space
        64K Bytes External Program Address Space
    8051 Compatible Core
        12 MHz Nominal Operation (16 MHz Max)
        3 16-Bit Timer/Counters
        High Current Drive Capability—Port 3
        9 Interrupt Sources, 2 Priority Levels
    Power
        Specified for 3 V and 5 V Operation
        Normal, Idle, and Power-Down Modes
    On-Chip Peripherals
        UART and SPI® Serial I/O
        2-Wire (400 kHz I2C® Compatible) Serial I/O
        Watchdog Timer
    Power Supply Monitor
   
APPLICATIONS
    Intelligent Sensors Calibration and Conditioning
    Battery-Powered Systems (Portable PCs, Instruments,
        Monitors)
    Transient Capture Systems
    DAS and Communications Systems
    Control Loop Monitors (Optical Networks/Base Stations)
   




Similar Part No. - ADUC812BS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC812BS AD-ADUC812BS Datasheet
543Kb / 31P
MicroConverter?? Multichannel 12-Bit ADC with Embedded FLASH MCU
REV.0
ADUC812BSZ AD-ADUC812BSZ Datasheet
1Mb / 57P
MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
ADUC812BSZ-REEL AD-ADUC812BSZ-REEL Datasheet
1Mb / 57P
MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
More results


Similar Description - ADUC812BS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC812 AD-ADUC812 Datasheet
543Kb / 31P
MicroConverter?? Multichannel 12-Bit ADC with Embedded FLASH MCU
REV.0
ADUC814 AD-ADUC814 Datasheet
846Kb / 72P
MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU
12/03 - Data Sheet Changed from REV. 0 to REV. A
EVAL-ADUC831QSZ AD-EVAL-ADUC831QSZ Datasheet
1Mb / 76P
MicroConverter짰, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC845 AD-ADUC845_12 Datasheet
1Mb / 108P
MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. C
ADUC814ARUZ AD-ADUC814ARUZ Datasheet
852Kb / 72P
MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC812BSZ AD-ADUC812BSZ Datasheet
1Mb / 57P
MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
ADUC832BSZ AD-ADUC832BSZ Datasheet
48Kb / 3P
MicroConverter짰, Multi-Channel 12-bit ADCs and DACs with Embedded FLASH MCU
REV. B.1 November/2002
ADUC814BRUZ AD-ADUC814BRUZ Datasheet
852Kb / 72P
MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC812 AD-ADUC812_15 Datasheet
1Mb / 57P
MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
Rev. F
ADUC845 AD-ADUC845_V01 Datasheet
1Mb / 109P
MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com