Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL720 Datasheet (PDF) - 3PEAK INC.

TPL720 Datasheet PDF - 3PEAK INC.
Part # TPL720
Download  TPL720 Download
File Size   1866.36 Kbytes
Page   22 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 400-mA Output,1-μA Ultra-Low Quiescent Current LDO

TPL720 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPL720 Datasheet PDF - 3PEAK INC.

Part # TPL720
Download  TPL720 Click to download

File Size   1866.36 Kbytes
Page   22 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 400-mA Output,1-μA Ultra-Low Quiescent Current LDO

TPL720 Datasheet (HTML) - 3PEAK INC.


TPL720 Product details

Features
• Typical 1.4-μA Ultra-low Quiescent Current
• Input Voltage Range: 2.4 V to 6 V
• Output Voltage Options:
– Fixed: 1 V, 1.2 V, 1.8 V, 2.5 V, 2.8 V, 3 V, 3.3 V
• ±1% Output Voltage Accuracy under Room
Temperature
• Maximum Output Current: 400 mA
• Low Shutdown Current
• Low Dropout Voltage: 350 mV at 400 mA
• Current Limit and Thermal Protection
• Stable with 2.2-μF Ceramic Capacitor
• Active Output Discharge While Disable
• Soft-start Limits Input Current Surge During Enable
• Junction Temperature Range: −40°C to +125°C
• Packages: SOT23-3, SOT23-5, and SOT89-3
Applications
• Handheld Devices with Battery Power Supply
• Portable Devices with Battery Power Supply
• Wearable Applications, Bluetooth Headsets
• Wireless and IoT Modules
• Personal Electronics, Personal Healthcare
Description
The TPL720 is a series of CMOS process low Iq linear
regulators with enable control function. The TPL720 series
supports a maximum 400-mA output current, with typically
only a 1.4-μA ultra-low quiescent current. TPL720 series is
stable with low-ESR small ceramic output capacitors from
2.2 μF to 10 μF.
The TPL720 series has fast response performance when
the load current dynamic drops or rises, especially for the
load-current dynamic from some load. The TPL720 series
has a current limit and thermal protection, which improves
the TPL720 series with high reliability.
The TPL720 series has a fixed output voltage range from
1 V to 3.3 V with ±1% output voltage accuracy, line
regulation, and load regulation under room temperature.
The TPL720 series is guaranteed over the junction
temperature range of −40°C to +125°C. The TPL720
series is available in the SOT23-3, SOT23-5, and SOT89-3
packages.




Similar Part No. - TPL720

ManufacturerPart #DatasheetDescription
logo
3PEAK INC.
TPL710 3PEAK-TPL710 Datasheet
1,018Kb / 21P
200 mA output, 1 µA Ultra-Low Quiescent Current LDO
Rev.A.6
TPL710F10-3TR 3PEAK-TPL710F10-3TR Datasheet
1,018Kb / 21P
200 mA output, 1 µA Ultra-Low Quiescent Current LDO
Rev.A.6
TPL710F10-5TR 3PEAK-TPL710F10-5TR Datasheet
1,018Kb / 21P
200 mA output, 1 µA Ultra-Low Quiescent Current LDO
Rev.A.6
TPL710F10-FR 3PEAK-TPL710F10-FR Datasheet
1,018Kb / 21P
200 mA output, 1 µA Ultra-Low Quiescent Current LDO
Rev.A.6
TPL710F12-3TR 3PEAK-TPL710F12-3TR Datasheet
1,018Kb / 21P
200 mA output, 1 µA Ultra-Low Quiescent Current LDO
Rev.A.6
More results


Similar Description - TPL720

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
250 mA Low Quiescent Current LDO Regulator
2007
MCP1702 MICROCHIP-MCP1702_09 Datasheet
473Kb / 32P
250 mA Low Quiescent Current LDO Regulator
2009
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702_13 Datasheet
437Kb / 26P
250 mA Low Quiescent Current LDO Regulator
08/04/10
MCP1702T-4102E MICROCHIP-MCP1702T-4102E Datasheet
708Kb / 26P
250 mA Low Quiescent Current LDO Regulator
12/08/06
MCP1711 MICROCHIP-MCP1711 Datasheet
1Mb / 36P
150 mA Ultra-Low Quiescent Current, Capacitorless LDO Regulator
07/14/15
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
STMicroelectronics
STLQ020 STMICROELECTRONICS-STLQ020 Datasheet
2Mb / 31P
200 mA ultra-low quiescent current LDO
Jun-2019
LDO40L STMICROELECTRONICS-LDO40L Datasheet
818Kb / 25P
400 mA, 38 V low-dropout regulator, with 45 μA quiescent current
10-Feb-2020
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
250 mA Low Quiescent Current LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com