Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3390 Datasheet (PDF) - Comus International

3390 Datasheet PDF - Comus International
Part # 3390
Download  3390 Download
File Size   421.99 Kbytes
Page   2 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description High Voltage Reed Relays

3390 Datasheet (PDF)

Go To PDF Page Download Datasheet
3390 Datasheet PDF - Comus International

Part # 3390
Download  3390 Click to download

File Size   421.99 Kbytes
Page   2 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description High Voltage Reed Relays

3390 Datasheet (HTML) - Comus International


3390 Product details

FEATURES
• Industry Standard Packages
• Up to 10,000 VDC Switching Voltage
• Up to 14,000 VDC Dielectric Strength
• Up to 50 Watts / 5 Amp Carry Current
• Contact Forms: 1 Form A, 2 Form A or 1 Form B
• Custom Designs Welcome




Similar Part No. - 3390

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3390 ALLEGRO-3390 Datasheet
261Kb / 3P
OPTOELECTRONIC SWITCH - TWILIGHT SENSOR
logo
ASM GmbH
3390 ASM-SENSOR-3390 Datasheet
3Mb / 16P
POWER ANALYZER
logo
List of Unclassifed Man...
3390 ETC-3390 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3390 HEYCO-3390 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
Sumida Corporation
3390-T144 SUMIDA-3390-T144 Datasheet
125Kb / 1P
General Power Transformer < Pin Type: EI Series>
More results


Similar Description - 3390

ManufacturerPart #DatasheetDescription
logo
Coto Technology
7000-05-1000 COTO-7000-05-1000 Datasheet
277Kb / 4P
High Reliability Reed Relays
9104-05-10 COTO-9104-05-10 Datasheet
241Kb / 2P
Hi Voltage SIP Reed Relays
logo
Meder Electronic
H24-1A83 MEDER-H24-1A83 Datasheet
646Kb / 4P
High Voltage Reed Relays
HE12-1A83-02 MEDER-HE12-1A83-02 Datasheet
759Kb / 4P
High Voltage Reed Relays for PCB Mounting
logo
List of Unclassifed Man...
DAT72415F ETC2-DAT72415F Datasheet
1Mb / 2P
high voltage reed relays 15kV, 50W
logo
Cynergy3 Co
DAT72415F CYNERGY3-DAT72415F Datasheet
1Mb / 2P
high voltage reed relays
SAR91205 CYNERGY3-SAR91205 Datasheet
267Kb / 1P
high voltage reed relays
logo
Meder Electronic
HM12-1A83-02 MEDER-HM12-1A83-02_10 Datasheet
387Kb / 4P
High Voltage Reed Relays for PCB Mounting
logo
Coto Technology
5500 COTO-5500 Datasheet
741Kb / 2P
5500 SERIES/HIGH VOLTAGE REED RELAYS
9104 COTO-9104 Datasheet
590Kb / 2P
9104 SERIES/HIGH VOLTAGE SIP REED RELAYS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com