Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3390 Datasheet(PDF) 2 Page - Comus International

Part # 3390
Description  High Voltage Reed Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

3390 Datasheet(HTML) 2 Page - Comus International

  3390 Datasheet HTML 1Page - Comus International 3390 Datasheet HTML 2Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Part Number: 3390 Series
High Voltage Reed Relays
Product Data Sheet
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 42023510
©2024 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
Relays
SPECIFICATIONS
CONTACT PARAMETERS
Switching Voltage
Max
DC/peakAC
5000
7500
10000
5000
7500
10000
5000
7500
10000
Dielectric Strength
Min
VDC
7000
10000
14000
7000
10000
14000
7000
10000
14000
Switching Capacity
Max
W
50
50
50
50
50
50
50
50
50
Switching Current
Max
A
3
3
3
3
3
3
3
3
3
Carrying Current
Max
A
5
5
5
5
5
5
5
5
5
Contact Resistance
Max
mΩ
250
250
250
250
250
250
250
250
250
COIL PARAMETERS
Nominal Coil Voltage
VDC
5
12
24
5
12
24
5
12
24
Pull-In Voltage
Max
VDC
4
10
20
4
10
20
4
10
20
Drop-Out Voltage
Min
VDC
1
2
4
1
1
2
1
1.2
2.4
Operating Voltage
Max
VDC
8
18
36
8
14.5
27
8
16
29
Coil Resistance
±15%
Ω
35
200
720
35
400
675
35
85
275
RELAY PARAMETERS
Dielectric Strength
coil/contact
Min VDC
20000
20000
10000
Dielectric Strength
switch1/switch2 Min VDC
-
-
10000
Insulation Resistance
Min
Ω
1 x 109
1 x 109
1 x 109
Operating Temperature
°C
-20 to +85
-20 to +85
-20 to +85
Storage Temperature
°C
-35 to +100
-35 to +100
-35 to +100
Operate Time incl. Bounce Time
Typ
ms
3.5
3.5
3.5
Release Time
Typ
ms
3.0
3.0
3.0
Weight, approx.
g
55
60
65
Contact Form
1 Normally Open / 1A
1 Normally Closed / 1B
2 Normally Open / 2A
Series
3390
3391
3392
3390
3391
3392
3390
3391
3392
Model
1270
1270
1270
4270
4270
4270
1272
1272
1272
Rev: 1 - Date: Sept/24/2024 - Signature: BR



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com