Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73096EHVF Datasheet (PDF) - Renesas Technology Corp

ISL73096EHVF Datasheet PDF - Renesas Technology Corp
Part # ISL73096EHVF
Download  ISL73096EHVF Download
File Size   475.0 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays

ISL73096EHVF Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL73096EHVF Datasheet PDF - Renesas Technology Corp

Part # ISL73096EHVF
Download  ISL73096EHVF Click to download

File Size   475.0 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays

ISL73096EHVF Datasheet (HTML) - Renesas Technology Corp


ISL73096EHVF Product details

Features
• Electrically screened to SMD # 5962-07218
• QML qualified per MIL-PRF-38535 requirements
• Radiation tolerance
- High dose rate (50-300rad(Si)/s). . . . . . . . . . . 100krad(Si)
- Low dose rate (0.01rad(Si)/s) . . . . . . . . . . . . . 50krad(Si)*
- SEL immune . . . . . . . . . . Bonded wafer dielectric isolation
• NPN gain bandwidth product (FT) . . . . . . . . . . . . . .8GHz (typ)
• NPN current gain (hFE) . . . . . . . . . . . . . . . . . . . . . . . . 130 (typ)
• NPN early voltage (VA) . . . . . . . . . . . . . . . . . . . . . . . . . 50V (typ)
• PNP gain bandwidth product (FT). . . . . . . . . . . . . 5.5GHz (typ)
• PNP current gain (hFE). . . . . . . . . . . . . . . . . . . . . . . . . . 60 (typ)
• PNP early voltage (VA) . . . . . . . . . . . . . . . . . . . . . . . . . 20V (typ)
• Noise figure (50) at 1GHz. . . . . . . . . . . . . . . . . . . 3.5dB (typ)
• Collector-to-collector leakage . . . . . . . . . . . . . . . . . . <1pA (typ)
• Complete isolation between transistors
* Limit established by characterization.




Similar Part No. - ISL73096EHVF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL73096RH INTERSIL-ISL73096RH Datasheet
237Kb / 5P
Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
March 23, 2009
ISL73096RH INTERSIL-ISL73096RH Datasheet
197Kb / 4P
Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
November 12, 2009
ISL73096RHF/PROTO INTERSIL-ISL73096RHF/PROTO Datasheet
237Kb / 5P
Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
March 23, 2009
ISL73096RHF/PROTO INTERSIL-ISL73096RHF/PROTO Datasheet
197Kb / 4P
Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
November 12, 2009
ISL73096RHX/SAMPLE INTERSIL-ISL73096RHX/SAMPLE Datasheet
237Kb / 5P
Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
March 23, 2009
More results


Similar Description - ISL73096EHVF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3096 INTERSIL-CA3096 Datasheet
133Kb / 14P
NPN/PNP Transistor Arrays
December 1997
HFA3046 INTERSIL-HFA3046 Datasheet
57Kb / 9P
Ultra High Frequency Transistor Arrays
October 1998
HS-6254RH INTERSIL-HS-6254RH Datasheet
31Kb / 3P
Radiation Hardened Ultra High Frequency NPN Transistor Array
1999 08
CA3096 INTERSIL-CA3096_04 Datasheet
434Kb / 15P
NPN/PNP Transistor Arrays
January 2004
HFA3046 INTERSIL-HFA3046_05 Datasheet
298Kb / 13P
Ultra High Frequency Transistor Arrays
December 21, 2005
ISL73096RH INTERSIL-ISL73096RH_09 Datasheet
237Kb / 5P
Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
March 23, 2009
ISL73096RH INTERSIL-ISL73096RH Datasheet
197Kb / 4P
Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
November 12, 2009
logo
Microsemi Corporation
JAN2N3501UB MICROSEMI-JAN2N3501UB Datasheet
614Kb / 7P
RADIATION HARDENED NPN SILICON SWITCHING TRANSISTOR
logo
Renesas Technology Corp
HFA3046 RENESAS-HFA3046 Datasheet
699Kb / 14P
Ultra High Frequency Transistor Arrays
HFA3046 RENESAS-HFA3046_V01 Datasheet
790Kb / 16P
Ultra High Frequency Transistor Arrays
Jan 24, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com