Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BBA02 Datasheet (PDF) - BeRex Corporation

BBA02 Datasheet PDF - BeRex Corporation
Part # BBA02
Download  BBA02 Download
File Size   1343.11 Kbytes
Page   22 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 40-8000 MHz BroadBand AMP

BBA02 Datasheet (PDF)

Go To PDF Page Download Datasheet
BBA02 Datasheet PDF - BeRex Corporation

Part # BBA02
Download  BBA02 Click to download

File Size   1343.11 Kbytes
Page   22 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 40-8000 MHz BroadBand AMP

BBA02 Datasheet (HTML) - BeRex Corporation


BBA02 Product details

Device Features
• Gain = 15.6 dB @ 2140MHz
• OIP3 = 35.0 dBm @ 2140 MHz
• Output P1 dB = 23.2 dBm @ 2140 MHz
• N.F = 2.9dB @ 2140 MHz
• Internally matched to 50 ohms
• RoHS2-compliant SOT-89 SMT package

Product Description
The BBA02 is a BroadBand, GaAs E-pHEMT Amplifier that is ideal for applications demanding high linearity in a wideband of 40-8000 MHz. The BBA02 is internally matched to 50 Ohms and requires no external matching components. It is available in RoHS2-compliant SOT-89 SMT package. These devices are 100% DC and RF tested to assure quality and performance.

Applications
• Repeaters
• Mobile Infrastructure
• Defense/Aerospace
• LTE / WCDMA / EDGE / CDMA
• General Purpose Wireless
• IF amplifier, RF driver amplifier




Similar Part No. - BBA02

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BBA02 BEREX-BBA02 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
BBA02 BEREX-BBA02 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
BBA02 BEREX-BBA02_18 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
More results


Similar Description - BBA02

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NMA2517-1T MICRONETICS-NMA2517-1T Datasheet
314Kb / 2P
High Power Broadband Noise Sources 2000 MHz to 8000 MHz
NMA2517-2T MICRONETICS-NMA2517-2T Datasheet
335Kb / 2P
High Power Broadband Noise Sources 2000 MHz to 8000 MHz
logo
Advanced Semiconductor ...
ASW114 ASB-ASW114 Datasheet
797Kb / 15P
5-8000 MHz MMIC Amplifier
July 2012
ASW234 ASB-ASW234 Datasheet
445Kb / 8P
5-8000 MHz MMIC Amplifier
February 2010
ASW214 ASB-ASW214 Datasheet
350Kb / 12P
5 ~ 8000 MHz MMIC Amplifier
October 2013
logo
BeRex Corporation
BBA02 BEREX-BBA02 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
BBA02 BEREX-BBA02_18 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
logo
Renesas Technology Corp
F2933 RENESAS-F2933 Datasheet
4Mb / 20P
High Reliability SP2T RF Switch 50 MHz to 8000 MHz
logo
Marki Microwave
BTN-0040 MARKIMICROWAVE-BTN-0040 Datasheet
524Kb / 4P
Broadband: 40 kHz to 40 GHz
INV-0040 MARKIMICROWAVE-INV-0040 Datasheet
391Kb / 4P
BROADBAND PULSE INVERTER (1 MHz to 40 GHz)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com