Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BBA02 Datasheet(PDF) 3 Page - BeRex Corporation

Part # BBA02
Description  40-8000 MHz BroadBand AMP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BBA02 Datasheet(HTML) 3 Page - BeRex Corporation

  BBA02 Datasheet HTML 1Page - BeRex Corporation BBA02 Datasheet HTML 2Page - BeRex Corporation BBA02 Datasheet HTML 3Page - BeRex Corporation BBA02 Datasheet HTML 4Page - BeRex Corporation BBA02 Datasheet HTML 5Page - BeRex Corporation BBA02 Datasheet HTML 6Page - BeRex Corporation BBA02 Datasheet HTML 7Page - BeRex Corporation BBA02 Datasheet HTML 8Page - BeRex Corporation BBA02 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
40-8000 MHz BroadBand AMP
BBA02
3
Rev. 6.4
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2021 BeRex
S-Parameter
(Vdevice = 5.0V, Id = 90mA, T = 25 °C, calibrated to device leads)
Typical Device Data
S-parameters (Vd=5V, Id=90mA, T=25°C)
Freq
S11
S11
S21
S21
S12
S12
S22
S22
[MHz]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
200
0.14
-170.15
7.19
169.48
0.08
-1.01
0.16
-179.43
400
0.14
-177.24
7.14
162.04
0.08
-4.60
0.16
169.63
1200
0.15
177.44
6.84
131.10
0.08
-18.57
0.13
151.36
2000
0.16
-177.38
6.39
99.93
0.08
-30.82
0.07
161.01
2800
0.19
-174.95
5.93
70.39
0.08
-45.17
0.05
-136.86
3600
0.22
172.96
5.55
42.51
0.08
-59.71
0.09
-142.84
4400
0.23
153.33
5.35
14.14
0.08
-75.21
0.17
-175.54
5200
0.25
134.61
5.04
-14.02
0.08
-94.68
0.23
164.59
6000
0.25
119.61
5.12
-44.81
0.08
-120.32
0.25
157.47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com