Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BBA02 Datasheet(PDF) 22 Page - BeRex Corporation

Part # BBA02
Description  40-8000 MHz BroadBand AMP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BBA02 Datasheet(HTML) 22 Page - BeRex Corporation

Back Button BBA02 Datasheet HTML 14Page - BeRex Corporation BBA02 Datasheet HTML 15Page - BeRex Corporation BBA02 Datasheet HTML 16Page - BeRex Corporation BBA02 Datasheet HTML 17Page - BeRex Corporation BBA02 Datasheet HTML 18Page - BeRex Corporation BBA02 Datasheet HTML 19Page - BeRex Corporation BBA02 Datasheet HTML 20Page - BeRex Corporation BBA02 Datasheet HTML 21Page - BeRex Corporation BBA02 Datasheet HTML 22Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
40-8000 MHz BroadBand AMP
BBA02
22
Rev. 6.4
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2021 BeRex
NATO CAGE code:
2
N
9
6
F
RoHS Compliance
This part is compliant with Restrictions on the Use of Certain Hazardous Substances in Electrical and
Electronic Equipment (RoHS) Directive 2011/65/EU as amended by Directive 2015/863/EU.
This product also is compliant with a concentration of the Substances of Very High Concern (SVHC) can-
didate list which are contained in a quantity of less than 0.1%(w/w) in each components of a product
and/or its packaging placed on the European Community market by the BeRex and Suppliers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com