Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14441A Datasheet (PDF) - Renesas Technology Corp

SC14441A Datasheet PDF - Renesas Technology Corp
Part # SC14441A
Download  SC14441A Download
File Size   745.0 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1.8 Single Chips for DECT with RFPA and QSPI

SC14441A Datasheet (PDF)

Go To PDF Page Download Datasheet
SC14441A Datasheet PDF - Renesas Technology Corp

Part # SC14441A
Download  SC14441A Click to download

File Size   745.0 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1.8 Single Chips for DECT with RFPA and QSPI

SC14441A Datasheet (HTML) - Renesas Technology Corp


SC14441A Product details

Key Features
▪ Complies with DECT ETS 300 175-2,3 & 8 and
DECT 6.0
▪ 10.368/20.736 MHz XTAL digital controlled
oscillator
▪ Processing power
• 82.944 MHz 16 bit CompactRISCTM
CR16Cplus with 16 kB instruction and data
cache
• Four channel DMA controller with
(non-)blocking mode
• 82.944 MHz programmable Gen2DSP with
MicroCode ROM and 2 kB MicroCode RAM
• Dedicated Instruction Processor (DIP)
supporting CAT-iQ slot formats (1.25 kB DIP
RAM)
▪ Development/Debug support
• Serial Debug interface, Nexus Class-1
compliant
• Performance Timer for Gen2DSP and CR16C
• Instruction/Data/Event Trace unit
• Gen2DSP debugger with 2 ch. MCROM
patching
▪ Memories
• 16 kB + 4 kB non-shared/cache RAM
• 32 kB shared RAM (0/1 wait cycles)
• 48/2 kB Gen2DSP ROM/RAM
▪ Power management
• 1.9 V to 3.45 V operating range
• 1.8 V operating voltage with 1.8 V to 3.45 V I/O
• Charge control for 2x NiMH batteries and Li-Ion
• Dual output Voltage tripler
• DC-DC converter with boost, buck, boost-buck
operation




Similar Part No. - SC14441A

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SC14441A DIALOG-SC14441A Datasheet
446Kb / 1P
1.8V Single Chips for DECT with RFPA and QSPI
More results


Similar Description - SC14441A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2068AHL PHILIPS-UAA2068AHL Datasheet
121Kb / 20P
Transmit chain and synthesizer with integrated VCO for DECT
1999 Jun 04
UAA2068G PHILIPS-UAA2068G Datasheet
132Kb / 20P
Transmit chain and synthesizer with integrated VCO for DECT
1998 Nov 19
logo
ATMEL Corporation
T2801 ATMEL-T2801 Datasheet
241Kb / 27P
DECT Single-Chip Transceiver
logo
National Semiconductor ...
LMX4168 NSC-LMX4168 Datasheet
41Kb / 4P
Radio Transceiver for DECT
LMX4268 NSC-LMX4268 Datasheet
39Kb / 4P
Radio Transceiver for DECT
SC14425 NSC-SC14425 Datasheet
78Kb / 5P
Complete Baseband processor for DECT Base Stations with Caller-id and Handsfree
SC14428 NSC-SC14428 Datasheet
113Kb / 6P
Baseband Processor for FP & PP DECT and WDCT
logo
ATMEL Corporation
T2801 ATMEL-T2801_06 Datasheet
499Kb / 31P
DECT Single-Chip Transceiver
logo
Dialog Semiconductor
SC14441A DIALOG-SC14441A Datasheet
446Kb / 1P
1.8V Single Chips for DECT with RFPA and QSPI
logo
MagnaChip Semiconductor...
MAP7154 MGCHIP-MAP7154 Datasheet
1Mb / 14P
6MHz, 800mA Buck Converter for RFPA
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com