Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2801 Datasheet (PDF) - ATMEL Corporation

T2801 Datasheet PDF - ATMEL Corporation
Part # T2801
Download  T2801 Download
File Size   241.02 Kbytes
Page   27 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description DECT Single-Chip Transceiver

T2801 Datasheet (PDF)

Go To PDF Page Download Datasheet
T2801 Datasheet PDF - ATMEL Corporation

Part # T2801
Download  T2801 Click to download

File Size   241.02 Kbytes
Page   27 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description DECT Single-Chip Transceiver

T2801 Datasheet (HTML) - ATMEL Corporation


T2801 Product details

Description
The T2801 is an RF IC for low-power DECT applications. The QFN48 packaged IC is a complete transceiver including image rejection mixer, IF amplifier, FM demodulator, baseband filter, RSSI, TX preamplifier, power-ramping generator for power amplifiers, integrated synthesizer, fully integrated VCO, TX filter and modulation compensation circuit for advanced closed-loop modulation concept. No mechanical tuning is necessary in production.

Features
• Supply Voltage Range 3V to 4.6V (Unregulated)
• Auxiliary Voltage Regulator On-chip
• Low Current Consumption
• Few Low Cost External Components
• No Mechanical Tuning Required
• Non-blindslot and Blindslot Operation
• Unlimited Multislot Operation with Advanced Closed-loop Modulation
• Supports Multiple Reference Clocks (10.368 MHz/13.824 MHz/20.736 MHz)
• TX Preamplifier with 0 dBm Output Power at 1.9 GHz and Ramp-signal Generator for
   SiGe Power Amplifier




Similar Part No. - T2801

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
T2801 DIGITRON-T2801 Datasheet
250Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
logo
ATMEL Corporation
T2801-PLQ ATMEL-T2801-PLQ Datasheet
499Kb / 31P
DECT Single-Chip Transceiver
logo
Digitron Semiconductors
T2801B DIGITRON-T2801B Datasheet
250Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T2801C DIGITRON-T2801C Datasheet
250Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T2801D DIGITRON-T2801D Datasheet
250Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
More results


Similar Description - T2801

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA3545 PHILIPS-UAA3545 Datasheet
116Kb / 28P
Fully integrated DECT transceiver
2001 Sep 06
logo
Analog Devices
AD6411 AD-AD6411 Datasheet
112Kb / 11P
DECT RF Transceiver
REV.0
logo
Level One
LXT317 LVL1-LXT317 Datasheet
546Kb / 16P
DECT Twitsted-Pair LIU Transceiver
logo
Mitel Networks Corporat...
MT9075B MITEL-MT9075B Datasheet
347Kb / 78P
E1 Single Chip Transceiver
logo
National Semiconductor ...
LMX4168 NSC-LMX4168 Datasheet
41Kb / 4P
Radio Transceiver for DECT
LMX4268 NSC-LMX4268 Datasheet
39Kb / 4P
Radio Transceiver for DECT
logo
List of Unclassifed Man...
HW86010 ETC-HW86010 Datasheet
104Kb / 2P
DECT Transceiver Module: The optimum embedded wireless solution
logo
ATMEL Corporation
T2801 ATMEL-T2801_06 Datasheet
499Kb / 31P
DECT Single-Chip Transceiver
logo
Analog Devices
AD6411 AD-AD6411_15 Datasheet
116Kb / 11P
DECT RF Transceiver
REV. 0
logo
Maxim Integrated Produc...
DS2153Q MAXIM-DS2153Q Datasheet
892Kb / 60P
E1 Single-Chip Transceiver
REV: 01106
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com