Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9075B Datasheet (PDF) - Mitel Networks Corporation

MT9075B Datasheet PDF - Mitel Networks Corporation
Part # MT9075B
Download  MT9075B Download
File Size   347.02 Kbytes
Page   78 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description E1 Single Chip Transceiver

MT9075B Datasheet (PDF)

Go To PDF Page Download Datasheet
MT9075B Datasheet PDF - Mitel Networks Corporation

Part # MT9075B
Download  MT9075B Click to download

File Size   347.02 Kbytes
Page   78 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description E1 Single Chip Transceiver

MT9075B Datasheet (HTML) - Mitel Networks Corporation


MT9075B Product details

Description

The MT9075B is a single chip device which integrates an advanced PCM 30 framer with a Line Interface Unit (LIU). The framer interfaces to a 2.048 Mbit/s backplane and provides selectable rate data link access with

optional HDLC controllers for Sa bits and channel 16. The LIU interfaces the framer functions to the PCM

30 transformer-isolated four wire line.



Features

• Combined PCM 30 framer, Line Interface Unit (LIU) and link controllers in a 68 pin PLCC or 100 pin MQFP package

• Selectable bit rate data link access with optional Sa bits HDLC controller (HDLC0) and channel 16 HDLC controller (HDLC1)

• LIU dynamic range of 20 dB

• Enhanced performance monitoring and programmable error insertion functions

• Low jitter DPLL for clock generation

• Operating under synchronized or free run mode

• Two-frame receive elastic buffer with controlled slip direction indication

• Selectable transmit or receive jitter attenuator

• Intel or Motorola non-multiplexed parallel microprocessor interface

• CRC-4 updating algorithm for intermediate path points of a message-based data link application

• ST-BUS/GCI 2.048 Mbit/s backplane bus for both data and signalling



Applications

• E1 add/drop multiplexers and channel banks

• CO and PBX equipment interfaces

• Primary Rate ISDN nodes

• Digital Cross-connect Systems (DCS)




Similar Part No. - MT9075B

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9075B ZARLINK-MT9075B Datasheet
866Kb / 102P
E1 Single Chip Transceiver
logo
Mitel Networks Corporat...
MT9075B-1 MITEL-MT9075B-1 Datasheet
275Kb / 82P
E1 Single Chip Transceiver
MT9075BL MITEL-MT9075BL Datasheet
275Kb / 82P
E1 Single Chip Transceiver
logo
Zarlink Semiconductor I...
MT9075BL ZARLINK-MT9075BL Datasheet
866Kb / 102P
E1 Single Chip Transceiver
MT9075BL1 ZARLINK-MT9075BL1 Datasheet
866Kb / 102P
E1 Single Chip Transceiver
More results


Similar Description - MT9075B

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2154 DALLAS-DS2154 Datasheet
1Mb / 87P
Enhanced E1 Single Chip Transceiver
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
T1/E1/J1 Single Chip Transceiver
MT9075A MITEL-MT9075A Datasheet
1,008Kb / 78P
E1 Single Chip Transceiver
MT9075B-1 MITEL-MT9075B-1 Datasheet
275Kb / 82P
E1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2153Q DALLAS-DS2153Q Datasheet
442Kb / 52P
E1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
T1/E1/J1 Single-Chip Transceiver
100903
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
T1/E1/J1 Single Chip Transceiver
MT9075B ZARLINK-MT9075B Datasheet
866Kb / 102P
E1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2153Q MAXIM-DS2153Q Datasheet
892Kb / 60P
E1 Single-Chip Transceiver
REV: 01106
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com