Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9074 Datasheet (PDF) - Mitel Networks Corporation

MT9074 Datasheet PDF - Mitel Networks Corporation
Part # MT9074
Download  MT9074 Download
File Size   372.74 Kbytes
Page   122 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description T1/E1/J1 Single Chip Transceiver

MT9074 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT9074 Datasheet PDF - Mitel Networks Corporation

Part # MT9074
Download  MT9074 Click to download

File Size   372.74 Kbytes
Page   122 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description T1/E1/J1 Single Chip Transceiver

MT9074 Datasheet (HTML) - Mitel Networks Corporation


MT9074 Product details

Description
The MT9074 is a single chip device, operable in either T1 or E1 mode, integrating either an advanced T1 (T1 mode) or PCM 30 (E1 mode) framer with a Line Interface Unit (LIU).

Features
• Combined E1 (PCM 30) and T1 (D4/ESF) framer, Line Interface Unit (LIU) and link controller with optional digital framer only mode
• In T1 mode the LIU can recover signals attenuated by up to 36 dB (6000 ft. of 24 AWG cable)
• In E1 mode the LIU can recover signals attenuated by up to 36 dB (2000 m. of 0.65mm cable)
• Two HDLCs: FDL and channel 24 in T1 mode, timeslot 0 (Sa bits) and timeslot 16 in E1 mode
• Two-frame elastic buffer in Rx & Tx (T1) directions
• Programmable transmit delay through transmit slip buffer
• Low jitter DPLL for clock generation
• Enhanced alarms, performance monitoring and error insertion functions
• Intel or Motorola non-multiplexed parallel microprocessor interface
• ST-BUS 2.048 Mbit/s backplane bus for both data and signaling
• Japan Telecom J1 Framing and Yellow Alarm
• Hardware data link access
• JTAG Boundary Scan

Applications
• E1/T1 add/drop multiplexers and channel banks
• CO and PBX equipment interfaces
• Primary Rate ISDN nodes
• Digital Cross-connect Systems (DCS)




Similar Part No. - MT9074

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074 Datasheet
1Mb / 151P
T1/E1/J1 Single Chip Transceiver
logo
Pulse A Technitrol Comp...
MT9074 PULSE-MT9074 Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Zarlink Semiconductor I...
MT9074AL ZARLINK-MT9074AL Datasheet
1Mb / 151P
T1/E1/J1 Single Chip Transceiver
MT9074AL1 ZARLINK-MT9074AL1 Datasheet
1Mb / 151P
T1/E1/J1 Single Chip Transceiver
MT9074AP ZARLINK-MT9074AP Datasheet
1Mb / 151P
T1/E1/J1 Single Chip Transceiver
More results


Similar Description - MT9074

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
T1/E1/J1 3.3V Single Chip Transceiver
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
Octal T1/E1/J1 Transceiver
REV: 012405
logo
Zarlink Semiconductor I...
MT9076B ZARLINK-MT9076B Datasheet
1Mb / 172P
T1/E1/J1 3.3 V Single Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
T1/E1/J1 Single-Chip Transceiver
100903
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
Quad T1/E1/J1 Transceiver
REV: 112907
DS26521 MAXIM-DS26521 Datasheet
1Mb / 258P
Single T1/E1/J1 Transceiver
REV: 111606
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
Quad T1/E1/J1 Transceiver
REV: 042204
DS2155 MAXIM-DS2155_V01 Datasheet
1Mb / 238P
T1/E1/J1 Single-Chip Transceiver
REV: 080607
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com