Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9076 Datasheet (PDF) - Mitel Networks Corporation

MT9076 Datasheet PDF - Mitel Networks Corporation
Part # MT9076
Download  MT9076 Download
File Size   416.21 Kbytes
Page   160 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description T1/E1/J1 3.3V Single Chip Transceiver

MT9076 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT9076 Datasheet PDF - Mitel Networks Corporation

Part # MT9076
Download  MT9076 Click to download

File Size   416.21 Kbytes
Page   160 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description T1/E1/J1 3.3V Single Chip Transceiver

MT9076 Datasheet (HTML) - Mitel Networks Corporation


MT9076 Product details

Description

The MT9076 is a highly featured single chip solution for terminating T1/E1/J1 trunks. It contains a long haul LIU, an advanced framer, a high performance PLL, and 3 HDLCs.

In T1 mode, the MT9076 supports D4, ESF and SLC-96 formats meeting the latest  ecommendations including AT&T PUB43801, TR-62411; ANSI T1.102, T1.403 and T1.408; Telcordia GR-303-CORE.

In E1 mode, the MT9076 supports the latest ITU-T Recommendations including G.703, G.704, G.706, G.732, G.775, G.796, G.823, G.964 (V5.1), G.965 (V5.2) and I.431. It also supports ETSI ETS 300 011, ETS 300 166, ETS 300 233, ETS 300 324 (V5.1) and ETS 300 347 (V5.2).



Features

• Combined T1/E1/J1 framer and LIU, with PLL and 3 HDLCs

• In T1/J1 mode the LIU can recover signals attenuated by up to 43dB (7000ft of 22 AWG cable)

• In E1 mode the LIU can recover signals attenuated by up to 43dB (2200m of 0.65mm cable)

• Low jitter digital PLL (intrinsic jitter < 0.02UI)

• HDLCs can be assigned to any timeslot

• Comprehensive alarm detection, performance monitoring and error insertion functions

• 2.048Mbit/s or 8.192Mbit/s ST-BUS streams

• Support for Inverse Mux for ATM (IMA)

• Support for V5.1 and V5.2 Access Networks

• 3.3V operation with 5V tolerant inputs

• Intel or Motorola non-multiplexed 8-bit microprocessor port

• JTAG boundary scan



Applications

• E1/T1 add/drop multiplexers

• Access networks

• Primary rate ISDN nodes

• Digital Cross-connect Systems (DCS)




Similar Part No. - MT9076

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
MT9076 PULSE-MT9076 Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Zarlink Semiconductor I...
MT9076B ZARLINK-MT9076B Datasheet
1Mb / 172P
T1/E1/J1 3.3 V Single Chip Transceiver
MT9076BB ZARLINK-MT9076BB Datasheet
1Mb / 172P
T1/E1/J1 3.3 V Single Chip Transceiver
MT9076BB1 ZARLINK-MT9076BB1 Datasheet
1Mb / 172P
T1/E1/J1 3.3 V Single Chip Transceiver
MT9076BP ZARLINK-MT9076BP Datasheet
1Mb / 172P
T1/E1/J1 3.3 V Single Chip Transceiver
More results


Similar Description - MT9076

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
T1/E1/J1 Single Chip Transceiver
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
Octal T1/E1/J1 Transceiver
REV: 012405
logo
Zarlink Semiconductor I...
MT9076B ZARLINK-MT9076B Datasheet
1Mb / 172P
T1/E1/J1 3.3 V Single Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
T1/E1/J1 Single-Chip Transceiver
100903
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
Quad T1/E1/J1 Transceiver
REV: 112907
DS26521 MAXIM-DS26521 Datasheet
1Mb / 258P
Single T1/E1/J1 Transceiver
REV: 111606
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
Quad T1/E1/J1 Transceiver
REV: 042204
DS2155 MAXIM-DS2155_V01 Datasheet
1Mb / 238P
T1/E1/J1 Single-Chip Transceiver
REV: 080607
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com