Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2153Q Datasheet (PDF) - Dallas Semiconductor

DS2153Q Datasheet PDF - Dallas Semiconductor
Part # DS2153Q
Download  DS2153Q Download
File Size   442.96 Kbytes
Page   52 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description E1 Single-Chip Transceiver

DS2153Q Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2153Q Datasheet PDF - Dallas Semiconductor

Part # DS2153Q
Download  DS2153Q Click to download

File Size   442.96 Kbytes
Page   52 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description E1 Single-Chip Transceiver

DS2153Q Datasheet (HTML) - Dallas Semiconductor


DS2153Q Product details

DESCRIPTION
The DS2153Q T1 Single-Chip Transceiver (SCT) contains all of the necessary functions for connection to E1 lines. The onboard clock/data recovery circuitry coverts the AMI/HDB3 E1 waveforms to a NRZ serial stream. The DS2153 automatically adjusts to E1 22 AWG (0.6 mm) twisted-pair cables from 0 to 1.5 km. The device can generate the necessary G.703 waveshapes for both 75-ohm and 120-ohm cables. The onboard jitter attenuator (selectable to either 32 bits or 128 bits) can be placed in either the transmit or receive data paths. The framer locates the frame and multiframe boundaries and monitors the data stream for alarms. It is also used for extracting and inserting signaling data, Si, and Sa-bit information.

FEATURES
■ Complete E1(CEPT) PCM-30/ISDN-PRI transceiver functionality
■ Onboard line interface for clock/data recovery and waveshaping
■ 32-bit or 128-bit jitter attenuator
■ Generates line build-outs for both 120-ohm and 75-ohm lines
■ Frames to FAS, CAS, and CRC4 formats
■ Dual onboard two-frame elastic store slip buffers that can connect to backplanes up to 8.192 MHz
■ 8-bit parallel control port that can be used on either multiplexed or non-multiplexed buses
■ Extracts and inserts CAS signaling
■ Detects and generates Remote and AIS alarms
■ Programmable output clocks for Fractional E1, H0, and H12 applications
■ Fully independent transmit and receive functionality
■ Full access to both Si and Sa bits
■ Three separate loopbacks for testing
■ Large counters for bipolar and code violations, CRC4 code word errors, FAS errors, and E bits
■ Pin-compatible with DS2151Q T1 SingleChip Transceiver
■ 5V supply; low power CMOS
■ Industrial grade version (-40°C to +85°C) available (DS2153QN)




Similar Part No. - DS2153Q

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2153Q MAXIM-DS2153Q Datasheet
892Kb / 60P
E1 Single-Chip Transceiver
REV: 01106
More results


Similar Description - DS2153Q

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2154 DALLAS-DS2154 Datasheet
1Mb / 87P
Enhanced E1 Single Chip Transceiver
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
T1/E1/J1 Single Chip Transceiver
MT9075A MITEL-MT9075A Datasheet
1,008Kb / 78P
E1 Single Chip Transceiver
MT9075B-1 MITEL-MT9075B-1 Datasheet
275Kb / 82P
E1 Single Chip Transceiver
MT9075B MITEL-MT9075B Datasheet
347Kb / 78P
E1 Single Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
T1/E1/J1 Single-Chip Transceiver
100903
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
T1/E1/J1 Single Chip Transceiver
MT9075B ZARLINK-MT9075B Datasheet
866Kb / 102P
E1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2153Q MAXIM-DS2153Q Datasheet
892Kb / 60P
E1 Single-Chip Transceiver
REV: 01106
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com