Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1833040 Datasheet (PDF) - Avnet, Inc

1833040 Datasheet PDF - Avnet, Inc
Part # 1833040
Download  1833040 Download
File Size   74.77 Kbytes
Page   1 Pages
Manufacturer  AVID [Avnet, Inc]
Direct Link  https://www.avnet.com/wps/portal/us
Logo AVID - Avnet, Inc
Description Qi Receiver Simulator

1833040 Datasheet (PDF)

Go To PDF Page Download Datasheet
1833040 Datasheet PDF - Avnet, Inc

Part # 1833040
Download  1833040 Click to download

File Size   74.77 Kbytes
Page   1 Pages
Manufacturer  AVID [Avnet, Inc]
Direct Link  https://www.avnet.com/wps/portal/us
Logo AVID - Avnet, Inc
Description Qi Receiver Simulator

1833040 Datasheet (HTML) - Avnet, Inc


1833040 Product details

APPLICATION
Product developers looking to quickly analyze and debug Qi wireless
transmitter system operation, firmware operation, and error handling.
The Receiver Simulator provides a variety of tests for assessing transmitter
performance. It is useful for debugging, product demonstrations, Qi precompliance test, production test, and as a general purpose Qi receiver.

FEATURES
• Stand alone, easy to use device in rugged enclosure
• Regulated +5VDC output
• Selectable comm. tests and modulators
• LEDs for device status
• Test points for bridge voltage and digital comm. data
• Selectable internal loads up to 2.0W in 0.25W increments
• Screw terminals for connecting external loads up to 5 0W
• Available in two models for WPC V1.0 or WPC V1.1 compatibility
• RxSim V1.1 is factory calibrated for more accurate received power
measurements. Over reports power by +200 mW (within WPC spec)
• RxSim V1.1 reports proprietary 16 bit high resolution received power
values in addition to the WPC required 8-bit packets

TEST MODES
• Standard Qi compatible receiver
• No comm. packets
• Invalid comm. data bit rates
• Invalid comm. packet checksum
• Invalid packet order
• Invalid WPC spec version
• Undefined comm. packets
• Multiple power control hold-off packets
• Error packets at minimum intervals
• Repeated negative error packets
• EPT packets with reason codes
• Invalid packet timing
• No rectified (V1.0) or received (V1.1) power packets

MODULATORS AND LOADS
• Selectable AC capacitive, AC resistive, and DC resistive modulators
• Selectable 0.0W to 2.0W internal loads in 0.25W steps
• External loads up to 5.0W can be connected (internal load disabled)




Similar Part No. - 1833040

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1833042 PHOENIX-1833042 Datasheet
76Kb / 3P
SPT 2,5/ 1-H-5,0 OG
1833043 PHOENIX-1833043 Datasheet
107Kb / 7P
Base strip - MCVU 1,5/ 4-GFD-3,81
logo
Chicago Miniature Lamp,...
18330450 CML-18330450 Datasheet
264Kb / 1P
MultiLEDs T31/4 (10x28mm) E10 8-Chip-LED
18330451 CML-18330451 Datasheet
264Kb / 1P
MultiLEDs T31/4 (10x28mm) E10 8-Chip-LED
18330452 CML-18330452 Datasheet
264Kb / 1P
MultiLEDs T31/4 (10x28mm) E10 8-Chip-LED
More results


Similar Description - 1833040

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7763WBG TOSHIBA-TC7763WBG Datasheet
748Kb / 28P
Qi Compliant Wireless Power Receiver Controller IC
logo
Texas Instruments
BQ51013B TI1-BQ51013B_15 Datasheet
3Mb / 47P
Highly Integrated Wireless Receiver Qi Compliant Power Supply
logo
STMicroelectronics
STWLC03 STMICROELECTRONICS-STWLC03 Datasheet
469Kb / 5P
Dual mode Qi/PMA wireless power receiver
05-Jun-2015
logo
Integrated Device Techn...
P9025AC IDT-P9025AC Datasheet
419Kb / 20P
5W, Qi Wireless Power Receiver
logo
Generalplus Technology ...
GPMQ8101A GENERALPLUS-GPMQ8101A Datasheet
392Kb / 11P
QI Compliant Wireless Power Receiver
GPMQ8101A-WPRX-M1 GENERALPLUS-GPMQ8101A-WPRX-M1 Datasheet
373Kb / 9P
QI Compliant Wireless Power Receiver Module
GPMQ8102A GENERALPLUS-GPMQ8102A Datasheet
651Kb / 12P
Qi Compliant Wireless Power Receiver
logo
Festo Corporation.
8029523 FESTO-8029523 Datasheet
77Kb / 1P
Simulator
560503 FESTO-560503 Datasheet
79Kb / 1P
Simulator
logo
Toshiba Semiconductor
TC7761WBG TOSHIBA-TC7761WBG Datasheet
777Kb / 29P
Qi Compliant Wireless Power Receiver Controller IC
2014-05-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com