Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC03 Datasheet (PDF) - STMicroelectronics

STWLC03 Datasheet PDF - STMicroelectronics
Part # STWLC03
Download  STWLC03 Download
File Size   469.98 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual mode Qi/PMA wireless power receiver

STWLC03 Datasheet (PDF)

Go To PDF Page Download Datasheet
STWLC03 Datasheet PDF - STMicroelectronics

Part # STWLC03
Download  STWLC03 Click to download

File Size   469.98 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual mode Qi/PMA wireless power receiver

STWLC03 Datasheet (HTML) - STMicroelectronics


STWLC03 Product details

Description
The STWLC03 is a high-end WPC and PMA compliant wireless power receiver IC. It includes a wireless power receiver, a programmable buck converter with simplified basic Li-Polymer/Li-Ion battery charger function and the embedded microcontroller, which allows a very wide range of customization and different standard supports. The integrated NVM memory stores the customized parameters via JTAG or I2C interface of the device. Thanks to the integrated synchronous rectifier, it achieves high efficiency operations. The buck converter contains the configurable soft-start, input current and input voltage regulation loops to optimize the function in a wireless charging enviroment. If the wireless power is not available, the device can be supplied from an external supply and can connect this supply (5 V adapter/USB) to VOUT through an external switch. The embedded microcontroller communicates with the host platform through the I2C. The device contains blocks for the frequency detection and the driver for the external switch for the resonant frequency change. The package is a CSP suitable for very compact applications and it has a quad SPI interface with the external Flash memory for firmware development purposes.




Similar Part No. - STWLC03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWLC04 STMICROELECTRONICS-STWLC04 Datasheet
1Mb / 18P
Qi based, 1 W optimized wireless power receiver
06-Sep-2016
STWLC04JR STMICROELECTRONICS-STWLC04JR Datasheet
1Mb / 18P
Qi based, 1 W optimized wireless power receiver
06-Sep-2016
More results


Similar Description - STWLC03

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7763WBG TOSHIBA-TC7763WBG Datasheet
748Kb / 28P
Qi Compliant Wireless Power Receiver Controller IC
logo
Integrated Device Techn...
P9025AC IDT-P9025AC Datasheet
419Kb / 20P
5W, Qi Wireless Power Receiver
P9028AC IDT-P9028AC Datasheet
2Mb / 38P
Dual-Mode WPC/PMA 5 Watt Wireless Power Receiver IC
logo
Generalplus Technology ...
GPMQ8101A GENERALPLUS-GPMQ8101A Datasheet
392Kb / 11P
QI Compliant Wireless Power Receiver
GPMQ8101A-WPRX-M1 GENERALPLUS-GPMQ8101A-WPRX-M1 Datasheet
373Kb / 9P
QI Compliant Wireless Power Receiver Module
GPMQ8102A GENERALPLUS-GPMQ8102A Datasheet
651Kb / 12P
Qi Compliant Wireless Power Receiver
logo
Maxim Integrated Produc...
MAX77950 MAXIM-MAX77950 Datasheet
1Mb / 53P
WPC/PMA Dual Mode Wireless Power Receiver
Rev 0; 3/17
logo
Toshiba Semiconductor
TC7761WBG TOSHIBA-TC7761WBG Datasheet
777Kb / 29P
Qi Compliant Wireless Power Receiver Controller IC
2014-05-15
logo
STMicroelectronics
STWLC38 STMICROELECTRONICS-STWLC38 Datasheet
728Kb / 5P
Qi-compliant dual mode wireless power receiver for up to 15W applications
16-Jun-2022
logo
Renesas Technology Corp
P9028AC RENESAS-P9028AC Datasheet
2Mb / 39P
Dual-Mode WPC/PMA 5 Watt Wireless Power Receiver IC
Mar 2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com