Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC03 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STWLC03
Description  Dual mode Qi/PMA wireless power receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC03 Datasheet(HTML) 3 Page - STMicroelectronics

  STWLC03 Datasheet HTML 1Page - STMicroelectronics STWLC03 Datasheet HTML 2Page - STMicroelectronics STWLC03 Datasheet HTML 3Page - STMicroelectronics STWLC03 Datasheet HTML 4Page - STMicroelectronics STWLC03 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STWLC03
Package information
DocID027918 Rev 2
3/5
Table 2: Flip Chip 77 bumps (3.12x4.73 mm) package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.50
0.55
0.60
A1
0.17
0.20
0.23
A2
0.28
0.30
0.32
b
0.23
0.26
0.29
D
4.67
4.70
4.73
D1
4.00
E
3.06
3.09
3.12
E1
2.40
e
0.40
SD
0.20
SE
0.20
fD
0.352
fE
0.346
$
0.05
ccc
0.075
The terminal A1 on the bump side is identified by a distinguishing feature (for
instance by a circular "clear area", typically 0.1 mm diameter) and/or a missing
bump. The terminal A1 on the backside of the product is identified by a
distinguishing feature (for instance by a circular "clear area", typically between 0.1
and 0.5 mm diameter, depending on the die size).
Figure 2: Flip Chip 77 bumps (3.12x4.73 mm) recommended footprint



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com