Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC03 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STWLC03
Description  Dual mode Qi/PMA wireless power receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC03 Datasheet(HTML) 1 Page - STMicroelectronics

  STWLC03 Datasheet HTML 1Page - STMicroelectronics STWLC03 Datasheet HTML 2Page - STMicroelectronics STWLC03 Datasheet HTML 3Page - STMicroelectronics STWLC03 Datasheet HTML 4Page - STMicroelectronics STWLC03 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
June 2015
DocID027918 Rev 2
1/5
For further information contact your local STMicroelectronics sales
office
www.st.com
STWLC03
Dual mode Qi/PMA wireless power receiver
Data brief
Features
Up to 7.5 W output power
Qi and/or PMA standard communication
protocol
Integrated high efficiency synchronous
rectifier
1 MHz programmable buck converter with
input current and input voltage regulation
loop
Buck converter efficiency up to 92%
Simplified Li-Ion/Polymer charger function
32-bit, 16 MHz embedded microcontroller
with 16 Kbyte ROM and 2 Kbyte RAM
memory
2 Kbyte NVM memory for customization
10-bit, 8 channel A/D converter
Integrated driver for external supply voltage
switch
Four configurable GPIOs
Integrated 5 V LDO for auxiliary features
Precise voltage and current measurements
for FOD function
Transmitter presence detection
Integrated driver for external resonant switch
I
2C interface
Rx coil NTC protection
Thermal protection
Flip Chip 77 bumps (3.12x4.73 mm)
Applications
Cellular phones
PDAs
Navigation systems
Medical and healthcare instrumentation
Description
The STWLC03 is a high-end WPC and PMA
compliant wireless power receiver IC. It includes
a wireless power receiver, a programmable buck
converter with simplified basic Li-Polymer/Li-Ion
battery charger function and the embedded
microcontroller, which allows a very wide range of
customization and different standard supports.
The integrated NVM memory stores the
customized parameters via JTAG or I
2C interface
of the device. Thanks to the integrated
synchronous rectifier, it achieves high efficiency
operations. The buck converter contains the
configurable soft-start, input current and input
voltage regulation loops to optimize the function
in a wireless charging enviroment. If the wireless
power is not available, the device can be
supplied from an external supply and can
connect this supply (5 V adapter/USB) to VOUT
through an external switch. The embedded
microcontroller communicates with the host
platform through the I
2C. The device contains
blocks for the frequency detection and the driver
for the external switch for the resonant frequency
change. The package is a CSP suitable for very
compact applications and it has a quad SPI
interface with the external Flash memory for
firmware development purposes.
Table 1: Device summary
Order code
Package
Packing
STWLC03JR
Flip Chip 77
bumps
(3.12x4.73 mm)
Tape and reel


Similar Part No. - STWLC03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWLC04 STMICROELECTRONICS-STWLC04 Datasheet
1Mb / 18P
Qi based, 1 W optimized wireless power receiver
06-Sep-2016
STWLC04JR STMICROELECTRONICS-STWLC04JR Datasheet
1Mb / 18P
Qi based, 1 W optimized wireless power receiver
06-Sep-2016
More results

Similar Description - STWLC03

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7763WBG TOSHIBA-TC7763WBG Datasheet
748Kb / 28P
Qi Compliant Wireless Power Receiver Controller IC
logo
Integrated Device Techn...
P9025AC IDT-P9025AC Datasheet
419Kb / 20P
5W, Qi Wireless Power Receiver
P9028AC IDT-P9028AC Datasheet
2Mb / 38P
Dual-Mode WPC/PMA 5 Watt Wireless Power Receiver IC
logo
Generalplus Technology ...
GPMQ8101A GENERALPLUS-GPMQ8101A Datasheet
392Kb / 11P
QI Compliant Wireless Power Receiver
GPMQ8101A-WPRX-M1 GENERALPLUS-GPMQ8101A-WPRX-M1 Datasheet
373Kb / 9P
QI Compliant Wireless Power Receiver Module
GPMQ8102A GENERALPLUS-GPMQ8102A Datasheet
651Kb / 12P
Qi Compliant Wireless Power Receiver
logo
Maxim Integrated Produc...
MAX77950 MAXIM-MAX77950 Datasheet
1Mb / 53P
WPC/PMA Dual Mode Wireless Power Receiver
Rev 0; 3/17
logo
Toshiba Semiconductor
TC7761WBG TOSHIBA-TC7761WBG Datasheet
777Kb / 29P
Qi Compliant Wireless Power Receiver Controller IC
2014-05-15
logo
STMicroelectronics
STWLC38 STMICROELECTRONICS-STWLC38 Datasheet
728Kb / 5P
Qi-compliant dual mode wireless power receiver for up to 15W applications
16-Jun-2022
logo
Renesas Technology Corp
P9028AC RENESAS-P9028AC Datasheet
2Mb / 39P
Dual-Mode WPC/PMA 5 Watt Wireless Power Receiver IC
Mar 2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com