Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IAR5F Datasheet (PDF) - APEM

IAR5F Datasheet PDF - APEM
Part # IAR5F
Download  IAR5F Download
File Size   144.68 Kbytes
Page   2 Pages
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM
Description Low profile pushbutton switches for harsh environments - bushing Ø 16 mm - momentary

IAR5F Datasheet (PDF)

Go To PDF Page Download Datasheet
IAR5F Datasheet PDF - APEM

Part # IAR5F
Download  IAR5F Click to download

File Size   144.68 Kbytes
Page   2 Pages
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM
Description Low profile pushbutton switches for harsh environments - bushing Ø 16 mm - momentary

IAR5F Datasheet (HTML) - APEM


IAR5F Product details

❑ Resistant to frost, sand and hydrocarbons
❑ Tactile feedback
❑ Front panel sealed to IP67




Similar Part No. - IAR5F

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
IAR SENSATA-IAR Datasheet
795Kb / 10P
“1U, 1RU” HYDRAULIC MAGNETIC CIRCUIT PROTECTORS
logo
ORing Industrial Networ...
IAR-142-3G ORING-IAR-142-3G Datasheet
413Kb / 5P
IEEE 802.11 b/g/n 3G Cellular Router
IAR-142-3G_EU ORING-IAR-142-3G_EU Datasheet
413Kb / 5P
IEEE 802.11 b/g/n 3G Cellular Router
IAR-142-3G_US ORING-IAR-142-3G_US Datasheet
413Kb / 5P
IEEE 802.11 b/g/n 3G Cellular Router
IAR-142-4G ORING-IAR-142-4G Datasheet
1Mb / 4P
IEEE 802.11 b/g/n 4G LTE Cellular Router
More results


Similar Description - IAR5F

ManufacturerPart #DatasheetDescription
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
Sealed Momentary Pushbutton Switches
logo
Glenair, Inc.
803-008-AA2M5-3 GLENAIR-803-008-AA2M5-3 Datasheet
166Kb / 2P
Cordsets For Harsh Environments
logo
List of Unclassifed Man...
IPC3SAD ETC2-IPC3SAD Datasheet
457Kb / 6P
Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
IAR35F1100 ETC2-IAR35F1100 Datasheet
201Kb / 2P
Low profile pushbutton switches for harsh environments
ICC3SCD1100 ETC2-ICC3SCD1100 Datasheet
205Kb / 4P
Pushbutton switches for harsh environments - short case - bushing 횠 12 mm - momentary
IPC3SAD2 ETC2-IPC3SAD2 Datasheet
350Kb / 6P
Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
IPR1SAD6 ETC2-IPR1SAD6 Datasheet
357Kb / 7P
Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
ISR3SAD300 ETC2-ISR3SAD300 Datasheet
331Kb / 4P
Sealed pushbutton switches - bushing 12 mm - momentary
ISR3SAD200 ETC2-ISR3SAD200 Datasheet
343Kb / 5P
Sealed pushbutton switches - bushing 12 mm - momentary
logo
EAO AG.
82-4551.1124 EAO-82-4551.1124 Datasheet
429Kb / 2P
Illuminated pushbutton 16 mm Aluminium, momentary
05.09.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com