Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR1000 Datasheet (PDF) - Analog Devices

ADAR1000 Datasheet PDF - Analog Devices
Part # ADAR1000
Download  ADAR1000 Download
File Size   4839.4 Kbytes
Page   79 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GHz to 16 GHz, 4-Channel, X Band and Ku Band Beamformer

ADAR1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADAR1000 Datasheet PDF - Analog Devices

Part # ADAR1000
Download  ADAR1000 Click to download

File Size   4839.4 Kbytes
Page   79 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GHz to 16 GHz, 4-Channel, X Band and Ku Band Beamformer

ADAR1000 Datasheet (HTML) - Analog Devices


ADAR1000 Product details

FEATURES
► 8 GHz to 16 GHz frequency range
► Half-duplex for transmit and receive modes
► Single-pin transmit and receive control
► 360° phase adjustment range
► 2.8° phase resolution
► ≥31 dB gain adjustment range
► ≤0.5 dB gain resolution
► Bias and control for external transmit and receive modules
► Memory for 121 prestored beam positions
► Four −20 dBm to +10 dBm power detectors
► Integrated temperature sensor
► Integrated 8-bit ADC for power detectors and temperature sensor
► Programmable bias modes
► 4-wire SPI interface




Similar Part No. - ADAR1000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAR1000 AD-ADAR1000 Datasheet
1Mb / 65P
8 GHz to 16 GHz, 4-Channel, X Band and Ku Band Beamformer
3/2019-Rev. 0 to Rev. A
More results


Similar Description - ADAR1000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0034 MACOM-MAAPGM0034 Datasheet
838Kb / 6P
0.5W X/Ku-Band Power Amplifier 8.0-12.0 GHz
MAAP-000042-PKG003 MACOM-MAAP-000042-PKG003 Datasheet
393Kb / 9P
Amplifier, Power, 1W, X/Ku-Band 12-16 GHz
MAAPGM0016-DIE MACOM-MAAPGM0016-DIE Datasheet
266Kb / 5P
5W Ku-Band Power Amplifier 12.0-15.0 GHz
MAAPGM0034-DIE MACOM-MAAPGM0034-DIE Datasheet
271Kb / 6P
0.5W X/Ku-Band Power Amplifier 8.0-12.5 GHz
MAAPGM0041-DIE MACOM-MAAPGM0041-DIE Datasheet
257Kb / 6P
1.3W X/Ku-Band Power Amplifier 11.0-15.0 GHz
MAAPGM0042-DIE MACOM-MAAPGM0042-DIE Datasheet
424Kb / 6P
1.2W X/Ku-Band Power Amplifier 11.5-16.0 GHz
logo
Analog Devices
ADAR1000 AD-ADAR1000 Datasheet
1Mb / 65P
8 GHz to 16 GHz, 4-Channel, X Band and Ku Band Beamformer
3/2019-Rev. 0 to Rev. A
logo
Qorvo, Inc
QPB1316 QORVO-QPB1316 Datasheet
603Kb / 10P
13.4 ??15.5 GHz Ku-Band GaN SSPA
logo
Analog Devices
ADMV4630 AD-ADMV4630 Datasheet
2Mb / 40P
14.0 GHz to 14.5 GHz, SATCOM, Ku Band Upconverter
Rev. A
ADMV4680 AD-ADMV4680 Datasheet
136Kb / 2P
10.7 GHz to 14.5 GHz, 4-Channel Half-Duplex Beamformer
Rev. Sp0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com