Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS1100 Datasheet (PDF) - E-SWITCH

KS1100 Datasheet PDF - E-SWITCH
Part # KS1100
Download  KS1100 Download
File Size   1944.84 Kbytes
Page   2 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description 10mA 12VDC rating

KS1100 Datasheet (PDF)

Go To PDF Page Download Datasheet
KS1100 Datasheet PDF - E-SWITCH

Part # KS1100
Download  KS1100 Click to download

File Size   1944.84 Kbytes
Page   2 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description 10mA 12VDC rating

KS1100 Datasheet (HTML) - E-SWITCH


KS1100 Product details

• 10mA 12VDC rating
• 1 Pole SPST Momentary Function
• Long Travel
• 50,000,000 Electrical Life
• Low Actuator Force




Similar Part No. - KS1100

ManufacturerPart #DatasheetDescription
logo
Stannol GmbH & Co KG
KS110 STANNOL-KS110 Datasheet
80Kb / 2P
STANNOL - Solder Wires of the KS-Series
22.06.06
More results


Similar Description - KS1100

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P021301 E-SWITCH-P021301 Datasheet
75Kb / 1P
TL3340AF160QG - RATING: 12VDC, 50mA, CONTACT RESISTANCE: 500 MILLI OHMS MAX ,
logo
Rohm
SMLE12WBC7W ROHM-SMLE12WBC7W Datasheet
109Kb / 3P
Low Current Type(IF 10mA)
logo
GETAI ELECTRONICS DEVIC...
G20FP GETEDZ-G20FP Datasheet
68Kb / 1P
20kV 10mA HIGH VOLTAGE DIODES
G30FP GETEDZ-G30FP Datasheet
68Kb / 1P
30kV 10mA HIGH VOLTAGE DIODES
logo
OptoSupply Internationa...
OSBBXX OPTOSUPPLY-OSBBXX Datasheet
104Kb / 3P
Voltages available 12VDC
logo
Tripp Lite. All Rights ...
98121 TRIPPLITE-98121 Datasheet
480Kb / 2P
12VDC Sealed, Maintenance-Free Battery for All Inverter/Chargers, 12VDC Battery Connections
logo
Adam Technologies, Inc.
RCS-1C-12 ADAM-TECH-RCS-1C-12 Datasheet
91Kb / 1P
RELAY 1C 12VDC COIL
logo
GETAI ELECTRONICS DEVIC...
G30FP GETEDZ-G30FP_16 Datasheet
72Kb / 1P
30kV 10mA HIGH VOLTAGE DIODES
logo
Diodes Incorporated
AL8806EV6 DIODES-AL8806EV6 Datasheet
418Kb / 8P
12VDC and 12VAC input
JUNE 2011
AL8807EV4 DIODES-AL8807EV4 Datasheet
262Kb / 8P
12VDC and 12VAC input
MAY 2012
More results




About E-SWITCH


E-Switch is a company that specializes in the design, development, and manufacturing of electromechanical switches. They offer a wide range of switch products including rocker, toggle, pushbutton, slide, rotary, snap action, tact, and keylock switches. These switches are used in a variety of applications such as medical equipment, consumer electronics, telecommunications, and industrial machinery.

E-Switch is known for their innovative designs, high-quality products, and excellent customer service. They have a global presence and serve customers in over 50 countries. In addition to their standard product offerings, E-Switch also provides custom switch solutions to meet specific customer needs.

Overall, E-Switch is a trusted and reliable provider of electromechanical switches, with a strong reputation for quality and customer satisfaction.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com