Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSBBXX Datasheet (PDF) - OptoSupply International

OSBBXX Datasheet PDF - OptoSupply International
Part # OSBBXX
Download  OSBBXX Download
File Size   104.47 Kbytes
Page   3 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description Voltages available 12VDC

OSBBXX Datasheet (PDF)

Go To PDF Page Download Datasheet
OSBBXX Datasheet PDF - OptoSupply International

Part # OSBBXX
Download  OSBBXX Click to download

File Size   104.47 Kbytes
Page   3 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description Voltages available 12VDC

OSBBXX Datasheet (HTML) - OptoSupply International




Similar Part No. - OSBBXX

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSBBY23131E OPTOSUPPLY-OSBBY23131E Datasheet
109Kb / 1P
3mm Round Blue & Blue LED 3mm Round Standard Directivity Long Lifetime Operation
OSBBY25111E OPTOSUPPLY-OSBBY25111E Datasheet
112Kb / 1P
5mm Round Blue & Blue LED UV Resistant Epoxy/ Water Clear Type
More results


Similar Description - OSBBXX

ManufacturerPart #DatasheetDescription
logo
Rohm
BA78_SERIES-E ROHM-BA78_SERIES-E Datasheet
347Kb / 13P
three-terminal regulators available with several fixed output voltages. It supplies the
logo
List of Unclassifed Man...
07HVP ETC2-07HVP Datasheet
200Kb / 1P
For High Voltages
logo
M.S. Kennedy Corporatio...
MSK5500-18 MSK-MSK5500-18 Datasheet
303Kb / 7P
Alternate output voltages available
MSK5502-12 MSK-MSK5502-12 Datasheet
334Kb / 6P
Available in 12V and 15V Output Voltages
logo
Tripp Lite. All Rights ...
98121 TRIPPLITE-98121 Datasheet
480Kb / 2P
12VDC Sealed, Maintenance-Free Battery for All Inverter/Chargers, 12VDC Battery Connections
logo
Adam Technologies, Inc.
RCS-1C-12 ADAM-TECH-RCS-1C-12 Datasheet
91Kb / 1P
RELAY 1C 12VDC COIL
logo
Diodes Incorporated
AL8806EV6 DIODES-AL8806EV6 Datasheet
418Kb / 8P
12VDC and 12VAC input
JUNE 2011
AL8807EV4 DIODES-AL8807EV4 Datasheet
262Kb / 8P
12VDC and 12VAC input
MAY 2012
logo
Bel Fuse Inc.
MBC1200 BEL-MBC1200 Datasheet
1Mb / 14P
Single 24 VDC / 48 VDC output voltages available
MCC750 BEL-MCC750 Datasheet
1Mb / 12P
Single 24 VDC or 48 VDC output voltages available
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com