Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5502-12 Datasheet (PDF) - M.S. Kennedy Corporation

MSK5502-12 Datasheet PDF - M.S. Kennedy Corporation
Part # MSK5502-12
Download  MSK5502-12 Download
File Size   334.78 Kbytes
Page   6 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description Available in 12V and 15V Output Voltages

MSK5502-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK5502-12 Datasheet PDF - M.S. Kennedy Corporation

Part # MSK5502-12
Download  MSK5502-12 Click to download

File Size   334.78 Kbytes
Page   6 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description Available in 12V and 15V Output Voltages

MSK5502-12 Datasheet (HTML) - M.S. Kennedy Corporation




Similar Part No. - MSK5502-12

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5502-12 ANAREN-MSK5502-12 Datasheet
334Kb / 6P
ULTRA-HIGH TEMPERATURE REGULATOR
MSK5502-12H ANAREN-MSK5502-12H Datasheet
334Kb / 6P
ULTRA-HIGH TEMPERATURE REGULATOR
More results


Similar Description - MSK5502-12

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSBBXX OPTOSUPPLY-OSBBXX Datasheet
104Kb / 3P
Voltages available 12VDC
logo
M.S. Kennedy Corporatio...
MSK5500-18 MSK-MSK5500-18 Datasheet
303Kb / 7P
Alternate output voltages available
logo
Maxim Integrated Produc...
MAX17577EVKIT MAXIM-MAX17577EVKIT Datasheet
1Mb / 14P
in -12V and -5V Output-Voltage Applications
Rev 0; 12/20
MAX17579EVKIT MAXIM-MAX17579EVKIT Datasheet
970Kb / 14P
in -15V and -5V Output-Voltage Applications
Rev 0; 4/21
logo
Bel Fuse Inc.
MBC1200 BEL-MBC1200 Datasheet
1Mb / 14P
Single 24 VDC / 48 VDC output voltages available
MCC750 BEL-MCC750 Datasheet
1Mb / 12P
Single 24 VDC or 48 VDC output voltages available
logo
Maxim Integrated Produc...
MAX17681EVKIT MAXIM-MAX17681EVKIT Datasheet
770Kb / 8P
MAX17681 for Isolated -15V or -12V Output Configuration
Rev 2; 2/17
MAX17681AEVKITC MAXIM-MAX17681AEVKITC Datasheet
702Kb / 7P
MAX17681A for Isolated 15V or 12V Output Configuration
Rev 1; 6/17
MAX17681AEVKITA MAXIM-MAX17681AEVKITA Datasheet
801Kb / 8P
MAX17681A for Isolated -15V or -12V Output Configuration
Rev 0; 3/17
logo
Wurth Elektronik GmbH &...
1769205X2 WURTH-1769205X2 Datasheet
1Mb / 37P
3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
Rev. 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com