Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KC2520B-C1 Datasheet (PDF) - Kyocera Kinseki Corpotation

KC2520B-C1 Datasheet PDF - Kyocera Kinseki Corpotation
Part # KC2520B-C1_V01
Download  KC2520B-C1 Download
File Size   65.6 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.5×2.0mm

KC2520B-C1 Datasheet (PDF)

Go To PDF Page Download Datasheet
KC2520B-C1 Datasheet PDF - Kyocera Kinseki Corpotation

Part # KC2520B-C1_V01
Download  KC2520B-C1 Click to download

File Size   65.6 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.5×2.0mm

KC2520B-C1 Datasheet (HTML) - Kyocera Kinseki Corpotation


KC2520B-C1 Product details

Features
• Miniature ceramic package
2.5 (L) ×2.0 (W) ×0.7 (H) mm (Typ.)
• Highly reliable with seam welding
• CMOS output
• Supply voltage 1.8/ 2.5/ 3.3V
Wide operating voltage range 1.6 to 3.63V
• Low current consumption
• High output frequency 125MHz




Similar Part No. - KC2520B-C1_V01

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC2520B-C1 KSS-KC2520B-C1 Datasheet
64Kb / 1P
Clock Oscillators
More results


Similar Description - KC2520B-C1_V01

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC2016B-C1 KSS-KC2016B-C1 Datasheet
111Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.0횞1.6mm
KC2520B-C2 KSS-KC2520B-C2 Datasheet
126Kb / 1P
CMOS/ 2.5V, 3.3V Compatible/ 2.5횞2.0mm
KC2520C-C2 KSS-KC2520C-C2 Datasheet
132Kb / 1P
CMOS/ 2.5V, 3.3V Compatible/ 2.5횞2.0mm
KC2520A-C1 KSS-KC2520A-C1 Datasheet
56Kb / 1P
CMOS/ 1.8V/ 2.5V/ 3.3V/ 2.5횞2.0mm
KC2520M KSS-KC2520M Datasheet
132Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.5횞2.0mm
KC5032A-C1 KSS-KC5032A-C1 Datasheet
451Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V/ 5.0횞3.2mm
KC5032A-CM KSS-KC5032A-CM Datasheet
149Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V, 5.0V/ 5.0횞3.2mm
logo
Pericom Semiconductor C...
NX701 PERICOM-NX701 Datasheet
812Kb / 2P
2.5V/3.3V CMOS XO
NX251 PERICOM-NX251 Datasheet
630Kb / 2P
2.5V/3.3V CMOS XO
logo
Renesas Technology Corp
5P49V60 RENESAS-5P49V60 Datasheet
1Mb / 29P
Flexible 1.8V, 2.5V, 3.3V power-rails
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com