Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KC3225A-C3 Datasheet (PDF) - Kyocera Kinseki Corpotation

KC3225A-C3 Datasheet PDF - Kyocera Kinseki Corpotation
Part # KC3225A-C3_V01
Download  KC3225A-C3 Download
File Size   63.04 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description CMOS/ 3.3V/ 3.2×2.5mm

KC3225A-C3 Datasheet (PDF)

Go To PDF Page Download Datasheet
KC3225A-C3 Datasheet PDF - Kyocera Kinseki Corpotation

Part # KC3225A-C3_V01
Download  KC3225A-C3 Click to download

File Size   63.04 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description CMOS/ 3.3V/ 3.2×2.5mm

KC3225A-C3 Datasheet (HTML) - Kyocera Kinseki Corpotation


KC3225A-C3 Product details

Features
• Miniature ceramic package
• Highly reliable with seam welding
• CMOS output
• Supply voltage VCC=3.3V
• ±25×10−6
available




Similar Part No. - KC3225A-C3_V01

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC3225A-C3 KSS-KC3225A-C3_18 Datasheet
63Kb / 1P
Clock Oscillators
More results


Similar Description - KC3225A-C3_V01

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-HC33 FOX-FXO-HC33 Datasheet
1Mb / 24P
HCMOS 3.2 x 2.5mm 3.3V Oscillator
FXO-LC33 FOX-FXO-LC33 Datasheet
852Kb / 16P
LVDS 3.2 x 2.5mm 3.3V Oscillator
logo
EUROQUARTZ limited
EM53T EUROQUARTZ-EM53T Datasheet
127Kb / 1P
CMOS 5 x 3.2 x 2.5mm SMD, MHz Range
EQ3225 EUROQUARTZ-EQ3225 Datasheet
197Kb / 1P
3.2 x 2.5mm SMD TCXO
logo
Advanced Crystal Techno...
3225H-SMX-4 ACT-3225H-SMX-4 Datasheet
179Kb / 1P
3.2 x 2.5mm Crystal unit
3225S-SMX-4 ACT-3225S-SMX-4 Datasheet
230Kb / 2P
3.2 x 2.5mm Crystal unit
1/02/2017
logo
TAITIEN ELECTRONICS CO....
XO-0149-OA-M-CMOS TAITIEN-XO-0149-OA-M-CMOS Datasheet
550Kb / 1P
3.2 X 2.5mm SMD CMOS Output Crystal Oscillator
XO-0151-VA-M-CMOS TAITIEN-XO-0151-VA-M-CMOS Datasheet
601Kb / 1P
3.2 X 2.5mm SMD CMOS Output Voltage Controlled Crystal Oscillator
XO-0155-OX TAITIEN-XO-0155-OX Datasheet
344Kb / 1P
3.2 x 2.5mm SMD CMOS Output Crystal Oscillator
XO-0156-XX-O TAITIEN-XO-0156-XX-O Datasheet
163Kb / 1P
3.2 X 2.5mm SMD Crystal
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com