Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD196 Datasheet (PDF) - Qorvo, Inc

CMD196 Datasheet PDF - Qorvo, Inc
Part # CMD196
Download  CMD196 Download
File Size   304.95 Kbytes
Page   10 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description DC - 28 GHz SPDT Non-reflective Switch

CMD196 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMD196 Datasheet PDF - Qorvo, Inc

Part # CMD196
Download  CMD196 Click to download

File Size   304.95 Kbytes
Page   10 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description DC - 28 GHz SPDT Non-reflective Switch

CMD196 Datasheet (HTML) - Qorvo, Inc


CMD196 Product details

Key Features
• Low Loss Broadband Performance
• High Isolation
• Fast Switching Speed
• Non-Reflective Design
• Small Die Size: 1350 um x 850 um




Similar Part No. - CMD196

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD196 MMIC-CMD196 Datasheet
216Kb / 9P
DC-28 GHz SPDT Non-reflective Switch
CMD196C3 MMIC-CMD196C3 Datasheet
257Kb / 9P
DC-28 GHz SPDT Non-reflective Switch
logo
Qorvo, Inc
CMD196C3 QORVO-CMD196C3 Datasheet
560Kb / 10P
DC-18 GHz SPDT Non-reflective Switch
Rev B. April 29, 2022
CMD196C3-EVB QORVO-CMD196C3-EVB Datasheet
560Kb / 10P
DC-18 GHz SPDT Non-reflective Switch
Rev B. April 29, 2022
More results


Similar Description - CMD196

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC284MS8G HITTITE-HMC284MS8G Datasheet
208Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC435MS8G HITTITE-HMC435MS8G Datasheet
189Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC284MS8G HITTITE-HMC284MS8G_07 Datasheet
249Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC435MS8G HITTITE-HMC435MS8G_07 Datasheet
210Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC435MS8G HITTITE-HMC435MS8G_10 Datasheet
165Kb / 4P
SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
logo
List of Unclassifed Man...
HMC284MS8GE ETC2-HMC284MS8GE Datasheet
221Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
logo
Custom MMIC Design Serv...
CMD196 MMIC-CMD196 Datasheet
216Kb / 9P
DC-28 GHz SPDT Non-reflective Switch
CMD196C3 MMIC-CMD196C3 Datasheet
257Kb / 9P
DC-28 GHz SPDT Non-reflective Switch
CMD195C3 MMIC-CMD195C3 Datasheet
252Kb / 9P
DC-18 GHz SPDT Non-reflective Switch
logo
Analog Devices
HMC435AMS8G AD-HMC435AMS8G Datasheet
472Kb / 5P
SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com