Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2960 Datasheet (PDF) - Analog Devices

ADBMS2960 Datasheet PDF - Analog Devices
Part # ADBMS2960
Download  ADBMS2960 Download
File Size   192.18 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Battery Pack and Link Monitors

ADBMS2960 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADBMS2960 Datasheet PDF - Analog Devices

Part # ADBMS2960
Download  ADBMS2960 Click to download

File Size   192.18 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Battery Pack and Link Monitors

ADBMS2960 Datasheet (HTML) - Analog Devices


ADBMS2960 Product details

FEATURES
Battery pack current measurement
Buffered analog inputs
Continuous operation option
Lossless measurement for coulomb counting
1 ms update rate
±0.1% maximum gain error
±1 μV maximum offset
Redundant implementation
Battery pack voltage measurement
Buffered analog inputs
Synchronous with current measurement
Differential and single-ended mode
Redundant implementation
Up to 20 voltage measurement channels
Buffered analog inputs
On-demand operation
Differential and single-ended mode
Redundant implementation
Built-in external reference
True ratiometric measurements
Overcurrent detection
Triple redundancy with majority voting
PWM output options
Built-in isoSPI™ interface
2 Mbps isolated serial communications
Capacitor or transformer coupled
Daisy-chaining option
4-wire SPI option
General-purpose digital IO
Six general-purpose outputs (GPOs)
Dual threshold read-back of GPOs
Four GPIOs configurable as an I2C or SPI controller
48-Lead side-solderable QFN package
AEC-Q100 qualified
Developed for use in ISO 26262 applications for automotive safety integrity level capability D (ASIL D)

APPLICATIONS
Electric and hybrid electric vehicles
Backup battery systems
Grid energy storage




Similar Part No. - ADBMS2960

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADBMS2950 AD-ADBMS2950 Datasheet
231Kb / 2P
Battery Pack Monitors
Rev. SpA
ADBMS2950B AD-ADBMS2950B Datasheet
9Mb / 97P
Battery Pack Monitor
Rev. 0
ADBMS2950BCCSZ AD-ADBMS2950BCCSZ Datasheet
9Mb / 97P
Battery Pack Monitor
Rev. 0
ADBMS2950BCCSZ-RL AD-ADBMS2950BCCSZ-RL Datasheet
9Mb / 97P
Battery Pack Monitor
Rev. 0
ADBMS2951 AD-ADBMS2951 Datasheet
231Kb / 2P
Battery Pack Monitors
Rev. SpA
More results


Similar Description - ADBMS2960

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6804-1 LINER-LTC6804-1 Datasheet
934Kb / 72P
Multicell Battery Monitors
LTC6804-1 LINER-LTC6804-1_15 Datasheet
927Kb / 74P
Multicell Battery Monitors
LTC6804-2 LINER-LTC6804-2_15 Datasheet
927Kb / 74P
Multicell Battery Monitors
LTC6811-1 LINER-LTC6811-1 Datasheet
2Mb / 88P
Multicell Battery Monitors
logo
Maxim Integrated Produc...
DS2703 MAXIM-DS2703 Datasheet
375Kb / 20P
SHA-1 Battery Pack SHA-1 Battery Pack
REV: 061307
logo
Beckhoff Automation Gmb...
C9900-U330 BECKHOFF-C9900-U330 Datasheet
105Kb / 2P
Battery pack
C9900-U332-0010 BECKHOFF-C9900-U332-0010 Datasheet
103Kb / 2P
Battery pack
logo
Pepperl+Fuchs Inc.
EX-BPS02 PF-EX-BPS02 Datasheet
1Mb / 1P
Battery pack
logo
Maxim Integrated Produc...
MAX11080 MAXIM-MAX11080_V01 Datasheet
423Kb / 29P
12-Channel, High-Voltage Battery-Pack Fault Monitors
2010
logo
Analog Devices
ADBMS2950 AD-ADBMS2950 Datasheet
231Kb / 2P
Battery Pack Monitors
Rev. SpA
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com