Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5030 Datasheet (PDF) - Analog Devices

ADRF5030 Datasheet PDF - Analog Devices
Part # ADRF5030
Download  ADRF5030 Download
File Size   739.74 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100 MHz to 20 GHz, Non-Reflective, Silicon SPDT Switch

ADRF5030 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5030 Datasheet PDF - Analog Devices

Part # ADRF5030
Download  ADRF5030 Click to download

File Size   739.74 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100 MHz to 20 GHz, Non-Reflective, Silicon SPDT Switch

ADRF5030 Datasheet (HTML) - Analog Devices


ADRF5030 Product details

FEATURES
► Wideband frequency range, 100 MHz to 20 GHz
► Non-reflective 50 Ω design
► Low insertion loss
► 0.7 dB typical between 0.1 GHz to 6 GHz
► 0.9 dB typical between 6 GHz to 12 GHz
► 1.2 dB typical up to 20 GHz
► High isolation
► 55 dB typical between 100 MHz to 6 GHz
► 50 dB typical between 6 GHz to 12 GHz
► 45 dB typical up to 20 GHz
► High input linearity
► P0.1dB: >36 dBm typical
► IP3: >60 dBm typical
► High RF power handling
► Through path: 36 dBm peak/33 dBm average
► Terminated path: 36 dBm peak/33 dBm average
► Hot switching: 36 dBm peak/33 dBm average
► CMOS/LVTTL compatible
► No low-frequency spur; no negative voltage generator
► RF switching time: 70 ns
► RF settling time (0.1 dB): 95 ns
► Single-supply operation capability (VDD = 3.3 V, VSS = 0 V)
► 20-terminal, 3 mm × 3 mm, LGA package
► Pin compatible with ADRF5022 and ADRF5026

APPLICATIONS
► Test instrumentation
► Military radios, radars, electronic counter measures (ECMs)
► Microwave radios and very small aperture terminals (VSATs)




Similar Part No. - ADRF5030

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5031 AD-ADRF5031 Datasheet
597Kb / 12P
9 kHz to 20 GHz, Nonreflective, Silicon SPDT Switch
Rev. 0
ADRF5031 AD-ADRF5031 Datasheet
597Kb / 12P
9 kHz to 20 GHz, Nonreflective, Silicon SPDT Switch
Rev. A
ADRF5031-EVALZ AD-ADRF5031-EVALZ Datasheet
597Kb / 12P
9 kHz to 20 GHz, Nonreflective, Silicon SPDT Switch
Rev. 0
ADRF5031BCCN AD-ADRF5031BCCN Datasheet
597Kb / 12P
9 kHz to 20 GHz, Nonreflective, Silicon SPDT Switch
Rev. 0
ADRF5031BCCN-R7 AD-ADRF5031BCCN-R7 Datasheet
597Kb / 12P
9 kHz to 20 GHz, Nonreflective, Silicon SPDT Switch
Rev. 0
More results


Similar Description - ADRF5030

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2027 FILTRONIC-FMS2027 Datasheet
146Kb / 4P
DC-20 GHZ MMIC SPDT NON-REFLECTIVE SWITCH
logo
Hittite Microwave Corpo...
HMC347 HITTITE-HMC347_07 Datasheet
204Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC-C011 HITTITE-HMC-C011_1 Datasheet
233Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC347 HITTITE-HMC347_09 Datasheet
214Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC547LP3E HITTITE-HMC547LP3E Datasheet
743Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Custom MMIC Design Serv...
CMD195 MMIC-CMD195 Datasheet
210Kb / 9P
DC-20 GHz SPDT Non-reflective Switch
logo
Analog Devices
ADRF5024 AD-ADRF5024 Datasheet
432Kb / 13P
Silicon SPDT Switch, Reflective, 100 MHz to 44 GHz
8/2020-Rev. B to Rev. C
HMC547ALP3E AD-HMC547ALP3E Datasheet
403Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
ADH347S AD-ADH347S Datasheet
218Kb / 7P
DC to 14 GHz SPDT Non-Reflective Switch
Rev. A
ADRF5080 AD-ADRF5080 Datasheet
2Mb / 15P
Reflective, Silicon SP8T Switch, 100 MHz to 20 GHz
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com