Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5031 Datasheet (PDF) - Analog Devices

ADRF5031 Datasheet PDF - Analog Devices
Part # ADRF5031
Download  ADRF5031 Download
File Size   597.76 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 9 kHz to 20 GHz, Nonreflective, Silicon SPDT Switch

ADRF5031 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5031 Datasheet PDF - Analog Devices

Part # ADRF5031
Download  ADRF5031 Click to download

File Size   597.76 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 9 kHz to 20 GHz, Nonreflective, Silicon SPDT Switch

ADRF5031 Datasheet (HTML) - Analog Devices


ADRF5031 Product details

FEATURES
► Wideband frequency range, 9 kHz to 20 GHz
► Nonreflective 50 Ω design
► Low insertion loss
► 0.6 dB typical between 9 kHz to 6 GHz
► 0.8 dB typical between 6 GHz to 12 GHz
► 1.05 dB typical between 12 GHz to 20 GHz
► High isolation
► 55 dB typical between 9 kHz to 6 GHz
► 50 dB typical between 6 GHz to 12 GHz
► 45 dB typical between 12 GHz to 20 GHz
► High input linearity
► P0.1dB: 35 dBm typical
► IP3: 62 dBm typical
► High RF power handling
► Through path: 35 dBm peak and 33 dBm average
► Terminated path: 32 dBm peak and 30 dBm average
► Hot switching (RFC): 35 dBm peak and 33 dBm average
► Hot switching (RFx): 32 dBm peak and 30 dBm average
► CMOS/LVTTL compatible
► No low-frequency spur; no negative voltage generator
► RF on and off time: 5.0 μs
► RF settling time (0.1 dB): 5.3 μs
► Single-supply operation (VDD = 3.3 V, VSS = 0 V)
► 20-terminal, 3 mm × 3 mm, LGA package
► Pin compatible with ADRF5023 and ADRF5027

APPLICATIONS
► Test instrumentation
► Military radios, radars, electronic counter measures (ECMs)
► Microwave radios and very small aperture terminals (VSATs)




Similar Part No. - ADRF5031

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5031 AD-ADRF5031 Datasheet
597Kb / 12P
9 kHz to 20 GHz, Nonreflective, Silicon SPDT Switch
Rev. 0
ADRF5031-EVALZ AD-ADRF5031-EVALZ Datasheet
597Kb / 12P
9 kHz to 20 GHz, Nonreflective, Silicon SPDT Switch
Rev. 0
ADRF5031BCCN AD-ADRF5031BCCN Datasheet
597Kb / 12P
9 kHz to 20 GHz, Nonreflective, Silicon SPDT Switch
Rev. 0
ADRF5031BCCN-R7 AD-ADRF5031BCCN-R7 Datasheet
597Kb / 12P
9 kHz to 20 GHz, Nonreflective, Silicon SPDT Switch
Rev. 0
More results


Similar Description - ADRF5031

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS338-12 SKYWORKS-AS338-12_06 Datasheet
92Kb / 4P
GaAs IC SPDT Nonreflective Switch 300 kHz-2.5 GHz
AS229-350 SKYWORKS-AS229-350_07 Datasheet
273Kb / 4P
GaAs IC SPDT Nonreflective Switch 300 kHz-6 GHz
logo
Analog Devices
ADRF5026 AD-ADRF5026 Datasheet
442Kb / 13P
Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
9/2020-Rev. 0 to Rev. A
ADRF5043 AD-ADRF5043 Datasheet
487Kb / 12P
Nonreflective, 9 kHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
ADRF5025 AD-ADRF5025 Datasheet
446Kb / 13P
Silicon SPDT Switch, Reflective, 9 kHz to 44 GHz
5/2020-Rev. A to Rev. B
HMC347B AD-HMC347B Datasheet
208Kb / 10P
GaAs, SPDT Switch, Nonreflective, 0.1 GHz to 20 GHz
4/2020-Rev. D to Rev. E
ADRF5023 AD-ADRF5023 Datasheet
593Kb / 12P
Silicon SPDT Switch, Nonreflective , 9 kHz to 45 GHz
Rev. 0
ADRF5049 AD-ADRF5049 Datasheet
1Mb / 14P
Silicon SP4T Switch, Nonreflective, 9 kHz to 45 GHz
Rev. 0
ADRF5022 AD-ADRF5022 Datasheet
711Kb / 12P
Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com