Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP8684 Datasheet (PDF) - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8684 Datasheet PDF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.
Part # ESP8684
Download  ESP8684 Download
File Size   628.12 Kbytes
Page   60 Pages
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.
Description RISC-V Single-Core CPU 2.4 GHz Wi-Fi (IEEE 802.11b/g/n) and Bluetooth® 5 (LE)

ESP8684 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESP8684 Datasheet PDF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8684
Download  ESP8684 Click to download

File Size   628.12 Kbytes
Page   60 Pages
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.
Description RISC-V Single-Core CPU 2.4 GHz Wi-Fi (IEEE 802.11b/g/n) and Bluetooth® 5 (LE)

ESP8684 Datasheet (HTML) - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.


ESP8684 Product details

Features
Wi-Fi
• Complies with IEEE 802.11b/g/n
• Supports 20 MHz bandwidth in 2.4 GHz band
• 1T1R mode with data rate up to 72.2 Mbps
• Wi-Fi Multimedia (WMM)
• TX/RX A-MPDU, TX/RX A-MSDU
• Immediate Block ACK
• Fragmentation and defragmentation
• Transmit opportunity (TXOP)
• Automatic Beacon monitoring (hardware TSF)
• Three virtual Wi-Fi interfaces
• Simultaneous support for Infrastructure BSS in Station mode, SoftAP mode, Station + SoftAP mode, and
promiscuous mode
Note that when ESP8684 series scans in Station mode, the SoftAP channel will change along with the
Station channel
• Antenna diversity
Bluetooth
• Bluetooth LE: Bluetooth 5.3 certified
• High power mode (20 dBm)
• Speed: 125 Kbps, 500 Kbps, 1 Mbps, 2 Mbps
• Advertising extensions
• Multiple advertisement sets
• Channel selection algorithm #2
• Internal co-existence mechanism between Wi-Fi and Bluetooth to share the same antenna
CPU and Memory
• 32-bit RISC-V single-core processor, up to 120 MHz
• CoreMark® score:
– One core at 120 MHz: 305.42 CoreMark; 2.55 CoreMark/MHz
• 576 KB ROM
• 272 KB SRAM (16 KB for cache)
• In-package flash (see details in Chapter 1 ESP8684 Series Comparison)
• Access to flash accelerated by cache
• Supports flash in-Circuit Programming (ICP)
Advanced Peripheral Interfaces
• 14 programmable GPIOs
– 2 strapping GPIOs
• Digital interfaces:
– Three SPI
– Two UART
– I2C Master
– LED PWM controller, with up to 6 channels
– General DMA controller (GDMA), with 1 transmit channel and 1 receive channel
• Analog interfaces:
– 12-bit SAR ADC, up to 5 channels
– Temperature sensor
• Timers:
– 54-bit general-purpose timer
– Two watchdog timers
– 52-bit system timer
Low Power Management
• Fine-resolution power control through a selection of clock frequency, duty cycle, Wi-Fi operating modes,
and individual power control of internal components
• Four power modes designed for typical scenarios: Active, Modem-sleep, Light-sleep, Deep-sleep
• Power consumption in Deep-sleep mode is 5 μA
• RTC memory remains powered on in Deep-sleep mode
Security
• Secure boot - permission control on accessing internal and external memory
• Flash encryption - memory encryption and decryption
• 1024-bit OTP, up to 256 bits for users
• Cryptographic hardware acceleration:
– ECC
– SHA Accelerator (FIPS PUB 180-4)
• Random Number Generator (RNG)
• Clock glitch filter
RF Module
• Antenna switches, RF balun, power amplifier, low-noise receive amplifier
• Up to +22 dBm of power for an 802.11b transmission
• Up to +20 dBm of power for an 802.11n transmission
• Up to -106 dBm of sensitivity for Bluetooth LE receiver (125 Kbps)
Applications
With ultra-low power consumption, ESP8684 is an ideal choice for IoT devices in the following areas:
• Smart Home
• Industrial Automation
• Health Care
• Consumer Electronics
• Smart Agriculture
• POS Machines
• Service Robot
• Generic Low-power IoT Sensor Hubs
• Generic Low-power IoT Data Loggers




Similar Part No. - ESP8684

ManufacturerPart #DatasheetDescription
logo
ESPRESSIF SYSTEMS (SHAN...
ESP8684-MINI-1 ESPRESSIF-ESP8684-MINI-1 Datasheet
849Kb / 39P
Small-sized 2.4 GHz Wi-Fi (802.11 b/g/n) and Bluetooth® 5 module
Version 1.0
ESP8684-MINI-1-H2X ESPRESSIF-ESP8684-MINI-1-H2X Datasheet
849Kb / 39P
Small-sized 2.4 GHz Wi-Fi (802.11 b/g/n) and Bluetooth® 5 module
Version 1.0
ESP8684-MINI-1-H4X ESPRESSIF-ESP8684-MINI-1-H4X Datasheet
849Kb / 39P
Small-sized 2.4 GHz Wi-Fi (802.11 b/g/n) and Bluetooth® 5 module
Version 1.0
ESP8684-MINI-1U ESPRESSIF-ESP8684-MINI-1U Datasheet
849Kb / 39P
Small-sized 2.4 GHz Wi-Fi (802.11 b/g/n) and Bluetooth® 5 module
Version 1.0
ESP8684-MINI-1U-H2X ESPRESSIF-ESP8684-MINI-1U-H2X Datasheet
849Kb / 39P
Small-sized 2.4 GHz Wi-Fi (802.11 b/g/n) and Bluetooth® 5 module
Version 1.0
More results


Similar Description - ESP8684

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF24WN0MA MICROCHIP-MRF24WN0MA Datasheet
1Mb / 36P
2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
RN1810 MICROCHIP-RN1810 Datasheet
1Mb / 36P
2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
logo
Cypress Semiconductor
CYW43364 CYPRESS-CYW43364 Datasheet
5Mb / 68P
Single-band 2.4 GHz IEEE 802.11b/g/n
logo
Microchip Technology
RN1810 MICROCHIP-RN1810_17 Datasheet
1Mb / 34P
2.4 GHz IEEE 802.11b/g/n Wireless Module
11/07/16
logo
Panasonic Battery Group
PAN9026 PANASONICBATTERY-PAN9026 Datasheet
2Mb / 83P
Wi-Fi Dual Band 2.4/5 GHz and Bluetooth Module
logo
Telit loT Solutions
WE866A1-P TELIT-WE866A1-P Datasheet
656Kb / 2P
Wi-Fi IEEE 802.11b/g/n Embedded
logo
Panasonic Semiconductor
PAN9026 PANASONIC-PAN9026 Datasheet
2Mb / 99P
PAN9026 Wi-Fi Dual Band 2.4 GHz and 5 GHz and Bluetooth Module
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-S3-WROOM-1 ESPRESSIF-ESP32-S3-WROOM-1 Datasheet
884Kb / 34P
2.4 GHz WiFi (802.11 b/g/n) and Bluetooth® 5 (LE) module
ESP32-S3 ESPRESSIF-ESP32-S3 Datasheet
889Kb / 69P
2.4 GHz Wi-Fi Bluetooth® LE SoC Supporting IEEE 802.11 b/g/n (2.4 GHz Wi-Fi) and Bluetooth® 5 (LE)
Version 1.3
ESP32-WROOM-32E ESPRESSIF-ESP32-WROOM-32E Datasheet
1Mb / 33P
2.4 GHz WiFi Bluetooth® Bluetooth LE module
2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com