Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP8684 Datasheet(PDF) 2 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8684
Description  RISC-V Single-Core CPU 2.4 GHz Wi-Fi (IEEE 802.11b/g/n) and Bluetooth® 5 (LE)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8684 Datasheet(HTML) 2 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

  ESP8684 Datasheet HTML 1Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 2Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 3Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 4Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
Product Overview
ESP8684 series of SoCs is an ultra-low-power and highly-integrated MCU-based SoC solution that supports
2.4 GHz Wi-Fi and Bluetooth® Low Energy (Bluetooth LE).
The functional block diagram of the SoC is shown below.
Core System
Wireless MAC and
Baseband
Wi-Fi MAC
Wi-Fi
Baseband
Bluetooth LE Link
Controller
Bluetooth LE
Baseband
2.4 GHz Balun + Switch
RF
Security
RISC-V
32-bit
Microprocessor
JTAG
Cache
Flash Encryption
Peripherals
Espressif’s ESP8684 Wi-Fi + Bluetooth® Low Energy SoC
ROM
SRAM
ECC
RNG
SHA
Secure
Boot
Temperature Sensor
UART
General-purpose Timer
I2C Master
In-package Flash
Main System Watchdog Timer
SPI0/1
SPI2
DIG ADC
Controller
LED PWM
RTC GPIO
RTC Super Watchdog Timer
RTC
Watchdog
Timer
PMU
RTC
GDMA
System Timer
GPIO
eFuse
Controller
Modules having power in specific power modes:
Active
All modes
Active, Modem-sleep, and Light-sleep;
Brownout
Figure 1: ESP8684 Functional Block Diagram
For more information on power consumption, see Section 4.1.3.6 Power Management Unit.
Espressif Systems
1
Submit Documentation Feedback
ESP8684 Series Datasheet v2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com