Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP8684 Datasheet(PDF) 49 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8684
Description  RISC-V Single-Core CPU 2.4 GHz Wi-Fi (IEEE 802.11b/g/n) and Bluetooth® 5 (LE)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8684 Datasheet(HTML) 49 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8684 Datasheet HTML 45Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 46Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 47Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 48Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 49Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 50Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 51Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 52Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 53Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
6 RF Characteristics
Table 30: RX Adjacent Channel Rejection
Min
Typ
Max
Rate
(dB)
(dB)
(dB)
802.11b, 1 Mbps
—
35
—
802.11b, 11 Mbps
—
35
—
802.11g, 6 Mbps
—
31
—
802.11g, 54 Mbps
—
20
—
802.11n, HT20, MCS0
—
31
—
802.11n, HT20, MCS7
—
16
—
6.2
Bluetooth 5 (LE) Radio
Table 31: Bluetooth LE RF Characteristics
Name
Description
Center frequency range of operating channel
2402 ~ 2480 MHz
RF transmit power range
–24.0 ~ 20.0 dBm
Table 32: Bluetooth LE - Transmitter Characteristics - 1 Mbps
Parameter
Description
Min
Typ
Max
Unit
Carrier frequency offset and drift
Max
|fn|
n=0, 1, 2, ..k
—
1.0
—
kHz
Max
|f0 − fn|
—
2.3
—
kHz
Max
|fn − fn−5|
—
1.4
—
kHz
|f1 − f0|
—
1.5
—
kHz
Modulation characteristics
∆ f 1avg
—
250.2
—
kHz
Min ∆ f 2max (for at least
99.9% of all ∆ f 2max)
—
234.4
—
kHz
∆ f 2avg/∆ f 1avg
—
1.0
—
—
In-band spurious emissions
± 2 MHz offset
—
–32
—
dBm
± 3 MHz offset
—
–38
—
dBm
> ± 3 MHz offset
—
–41
—
dBm
Table 33: Bluetooth LE - Transmitter Characteristics - 2 Mbps
Parameter
Description
Min
Typ
Max
Unit
Carrier frequency offset and drift
Max
|fn|
n=0, 1, 2, ..k
—
3.7
—
kHz
Max
|f0 − fn|
—
1.8
—
kHz
Max
|fn − fn−5|
—
1.5
—
kHz
|f1 − f0|
—
1.1
—
kHz
Modulation characteristics
∆ f 1avg
—
500.0
—
kHz
Min ∆ f 2max (for at least
99.9% of all ∆ f 2max)
—
460.7
—
kHz
Cont’d on next page
Espressif Systems
48
Submit Documentation Feedback
ESP8684 Series Datasheet v2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com