Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP8684 Datasheet(PDF) 36 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8684
Description  RISC-V Single-Core CPU 2.4 GHz Wi-Fi (IEEE 802.11b/g/n) and Bluetooth® 5 (LE)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8684 Datasheet(HTML) 36 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8684 Datasheet HTML 32Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 33Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 34Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 35Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 36Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 37Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 38Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 39Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 40Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
4 Functional Description
4.2
Peripherals
This section describes the chip’s peripheral capabilities, covering connectivity interfaces and on-chip sensors
that extend its functionality.
4.2.1
Connectivity Interface
This subsection describes the connectivity interfaces on the chip that enable communication and interaction
with external devices and networks.
4.2.1.1 UART Controller
The UART Controller in the ESP8684 chip facilitates the transmission and reception of asynchronous serial
data between the chip and external UART devices. It supports two UART interfaces.
Feature List
• Full-duplex asynchronous communication
• Configurable baud rate, up to 2.5 Mbaud
• Automatic baud rate detection of input signals
• Data frame format:
– a START bit
– data bits, ranging from 5 ~ 8
– a parity bit
– stop bits, whose length can be 1, 1.5, or 2 bits
• Special character AT_CMD detection
• Supported protocols: RS485, IrDA
• UART as wake-up source
• Software and hardware flow control
• Three clock sources that can be divided:
– 40 MHz PLL_F40M_CLK
– internal fast RC oscillator RC_FAST_CLK
– external crystal clock XTAL_CLK
• 512 x 8-bit RAM shared by TX FIFOs and RX FIFOs of the two UART controllers
For details, see ESP8684 Technical Reference Manual > Chapter UART Controller (UART, LP_UART).
Pin Assignment
For UART, the pins used can be chosen from any GPIOs via the GPIO Matrix.
For more information about the pin assignment, see Section 2.3 IO Pins and
ESP8684 Technical Reference Manual > Chapter IO MUX and GPIO Matrix.
Espressif Systems
35
Submit Documentation Feedback
ESP8684 Series Datasheet v2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com