Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP8684 Datasheet(PDF) 21 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8684
Description  RISC-V Single-Core CPU 2.4 GHz Wi-Fi (IEEE 802.11b/g/n) and Bluetooth® 5 (LE)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8684 Datasheet(HTML) 21 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8684 Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 19Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 20Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 21Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 22Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 23Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 24Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8684 Datasheet HTML 25Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
2 Pins
2.5
Power Supply
2.5.1 Power Pins
The chip is powered via the power pins described in Table 8 Power Pins.
Table 8: Power Pins
Pin
Pin
Power Supply 1,2
No.
Name
Direction
Power Domain/Other
IO Pins 3
2
VDDA3P3
Input
Analog power domain
3
VDDA3P3
Input
Analog power domain
11
VDD3P3_RTC
Input
RTC and part of Digital power domains
RTC IO
17
VDD3P3_CPU
Input
Digital power domain
Digital IO
21
VDDA
Input
Analog power domain
24
VDDA
Input
Analog power domain
25
GND
—
External ground connection
1 See in conjunction with Section 2.5.2 Power Scheme.
2 For recommended and maximum voltage and current, see Section 5.1 Absolute Max-
imum Ratings and Section 5.2 Recommended Operating Conditions.
3 RTC IO pins are those powered by VDD3P3_RTC and so on, as shown in Figure 4
ESP8684 Power Scheme. See also Table 2 Pin Overview > Column Pin Providing
Power.
2.5.2
Power Scheme
The power scheme is shown in Figure 4 ESP8684 Power Scheme.
Espressif Systems
20
Submit Documentation Feedback
ESP8684 Series Datasheet v2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com