Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14K Datasheet (PDF) - YAGEO Corporation

14K Datasheet PDF - YAGEO Corporation
Part # 14K
Download  14K Download
File Size   600.29 Kbytes
Page   13 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description Metal Oxide Varistor (MOV)

14K Datasheet (PDF)

Go To PDF Page Download Datasheet
14K Datasheet PDF - YAGEO Corporation

Part # 14K
Download  14K Click to download

File Size   600.29 Kbytes
Page   13 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description Metal Oxide Varistor (MOV)

14K Datasheet (HTML) - YAGEO Corporation


14K Product details

Features
■ Wide operating voltage (V1mA) range from 180V to 560V
■ Fast responding to transient over-voltage
■ Large absorbing transient energy capability
■ Low clamping ratio and no follow-on current
■ Meets MSL level 1, per J-STD-020
■ Operating Temperature:-40℃ ~ +125℃
■ Storage Temperature:-40℃ ~ +125℃
■ Safety certification: UL: E327997
Applications
■ Transistor, diode, IC, thyristor or triac semiconductor protection
■ Surge protection in consumer electronics
■ Surge protection in industrial electronics
■ Surge protection in electronic home appliances, gas and petroleum appliances
■ Relay and electromagnetic valve surge absorption




Similar Part No. - 14K

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
14K YAGEO-14K Datasheet
564Kb / 12P
METAL OXIDE VARISTORS POWER SUPPLY
October 06, 2020
logo
Stackpole Electronics, ...
14K1103050 SEI-14K1103050 Datasheet
969Kb / 5P
Automotive Leaded Varistor
08/14/2019
logo
List of Unclassifed Man...
14K241 ETC-14K241 Datasheet
93Kb / 4P
Low leakage current,Excellent voltage ratio
logo
Ruilongyuan Electronics...
14K330K RUILON-14K330K Datasheet
763Kb / 7P
Metal Oxide Varistors
logo
HuaXinAn Electronics CO...
14K330K HUAXINAN-14K330K Datasheet
238Kb / 3P
Metal Oxide Varistors
More results


Similar Description - 14K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MOV-10D180K BOURNS-MOV-10D180K Datasheet
366Kb / 4P
MOV-10DxxxK Series - Metal Oxide Varistor
logo
BRIGHTKING (SHENZHEN) C...
180KD14 BRIGHTKING-180KD14 Datasheet
715Kb / 12P
Metal Oxide Varistor (MOV) Data Sheet
logo
HuaXinAn Electronics CO...
VDR10D180L HUAXINAN-VDR10D180L Datasheet
453Kb / 6P
Metal Oxide Varistors (MOV)
VDR25D820K HUAXINAN-VDR25D820K Datasheet
295Kb / 6P
Metal Oxide Varistors (MOV)
VDR34S130 HUAXINAN-VDR34S130 Datasheet
280Kb / 5P
Metal Oxide Varistors (MOV)
32D HUAXINAN-32D Datasheet
191Kb / 4P
Metal Oxide Varistors (MOV)
34S HUAXINAN-34S Datasheet
280Kb / 5P
Metal Oxide Varistors (MOV)
34S471K HUAXINAN-34S471K Datasheet
280Kb / 5P
Metal Oxide Varistors (MOV)
10D HUAXINAN-10D Datasheet
453Kb / 6P
Metal Oxide Varistors (MOV)
20D HUAXINAN-20D Datasheet
456Kb / 6P
Metal Oxide Varistors (MOV)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com