Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14K Datasheet (PDF) - YAGEO Corporation

14K Datasheet PDF - YAGEO Corporation
Part # 14K
Download  14K Download
File Size   564.83 Kbytes
Page   12 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description METAL OXIDE VARISTORS POWER SUPPLY

14K Datasheet (PDF)

Go To PDF Page Download Datasheet
14K Datasheet PDF - YAGEO Corporation

Part # 14K
Download  14K Click to download

File Size   564.83 Kbytes
Page   12 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description METAL OXIDE VARISTORS POWER SUPPLY

14K Datasheet (HTML) - YAGEO Corporation


14K Product details

Features
■ Wide operating voltage (V1mA) range from 180V to 560V
■ Fast responding to transient over-voltage
■ Large absorbing transient energy capability
■ Low clamping ratio and no follow-on current
■ Meets MSL level 1, per J-STD-020
■ Operating Temperature:-40℃ ~ +125℃
■ Storage Temperature:-40℃ ~ +125℃
■ Safety certification: UL: E327997
Applications
■ Transistor, diode, IC, thyristor or triac semiconductor protection
■ Surge protection in consumer electronics
■ Surge protection in industrial electronics
■ Surge protection in electronic home appliances, gas and petroleum appliances
■ Relay and electromagnetic valve surge absorption




Similar Part No. - 14K

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
14K YAGEO-14K Datasheet
600Kb / 13P
Metal Oxide Varistor (MOV)
Oct. 06, 2020 V.1
logo
Stackpole Electronics, ...
14K1103050 SEI-14K1103050 Datasheet
969Kb / 5P
Automotive Leaded Varistor
08/14/2019
logo
List of Unclassifed Man...
14K241 ETC-14K241 Datasheet
93Kb / 4P
Low leakage current,Excellent voltage ratio
logo
Ruilongyuan Electronics...
14K330K RUILON-14K330K Datasheet
763Kb / 7P
Metal Oxide Varistors
logo
HuaXinAn Electronics CO...
14K330K HUAXINAN-14K330K Datasheet
238Kb / 3P
Metal Oxide Varistors
More results


Similar Description - 14K

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
Metal Oxide Varistors
logo
Ruilongyuan Electronics...
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
Metal Oxide Varistors
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
METAL OXIDE VARISTORS
logo
YAGEO Corporation
14D YAGEO-14D Datasheet
991Kb / 13P
METAL OXIDE VARISTORS POWER SUPPLY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com