Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

43321 Datasheet (PDF) - Infinite Electronics International, Inc.

43321 Datasheet PDF - Infinite Electronics International, Inc.
Part # 43321
Download  43321 Download
File Size   74.61 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description DP MALE RA TO PNL MNT F CABLE

43321 Datasheet (PDF)

Go To PDF Page Download Datasheet
43321 Datasheet PDF - Infinite Electronics International, Inc.

Part # 43321
Download  43321 Click to download

File Size   74.61 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description DP MALE RA TO PNL MNT F CABLE

43321 Datasheet (HTML) - Infinite Electronics International, Inc.


43321 Product details

ELECTRICAL PROPERTIES:
1. CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY
2. VOLTAGE TEST: DC 300V 10ms
INSULATION RESISTANCE: 5.0M ohm/min
CONDUCTANCE RESISTANCE: 5.0 ohm/max

MISCELLANEOUS:
MOUNTING HARDWARE INCLUDED. 2X, 4-40 UNC-2A x 3/8" LG
PHILLIPS HEAD SCREW
CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031

REGULATORY COMPLIANCE:
CE 2011/65/EU(RoHS DIRECTIVE)




Similar Part No. - 43321

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
43321 L-COM-43321 Datasheet
62Kb / 1P
FIBER DUST CAPS 2.5MM PKG 100
12/29/10
43321 L-COM-43321 Datasheet
121Kb / 1P
DISPLAYPORT CABLE M/M
01/14/2011
43321 L-COM-43321 Datasheet
159Kb / 1P
DP M to DVI F ADPTR
6/2/17
43321 L-COM-43321 Datasheet
64Kb / 1P
DISPLAYPORT PNL ADAPT F-F
12/22/2010
43321 L-COM-43321 Datasheet
57Kb / 1P
DP TO DVI-D DUAL LINK CBL
11/8/11
More results


Similar Description - 43321

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SDKN-99-14 WINCHESTER-SDKN-99-14 Datasheet
58Kb / 1P
ADAPTER, PNL, F-F, N
logo
Pasternack Enterprises,...
PE36135 PASTERNACK-PE36135 Datasheet
261Kb / 1P
CABLE ASSEMBLY RG11A/U F MALE TO F MALE
PE36141 PASTERNACK-PE36141 Datasheet
263Kb / 1P
CABLE ASSEMBLY, RG59B/U-BLACK, F MALE TO F MALE
PE36132 PASTERNACK-PE36132 Datasheet
102Kb / 1P
CABLE ASSEMBLY, RG6-CATV, F MALE TO F MALE
PE36137 PASTERNACK-PE36137 Datasheet
261Kb / 1P
CABLE ASSEMBLY RG179B/U F MALE TO F MALE
PE36139 PASTERNACK-PE36139 Datasheet
261Kb / 1P
CABLE ASSEMBLY, RG187A/U, F MALE TO F MALE
PE37163 PASTERNACK-PE37163_17 Datasheet
90Kb / 1P
CABLE ASSEMBLY, RG6A/U, F MALE TO F MALE
logo
Japan Aviation Electron...
DB-25S-N JAE-DB-25S-N Datasheet
319Kb / 1P
CONN D-SUB RCPT 25POS PNL MNT
DD-50SF-N JAE-DD-50SF-N Datasheet
122Kb / 1P
CONN D-SUB RCPT 50POS PNL MNT
logo
Tensility International...
54-00081 TENSILITY-54-00081 Datasheet
110Kb / 1P
CONN JACK PNL MNT 3.5MM STEREO
2017.08.08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com