Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

43321 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # 43321
Description  DP MALE RA TO PNL MNT F CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

43321 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  43321 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8.0
.32
2X,
3.18
.125
1.181
30.00
.79
20.0
20-PIN FEMALE,
DISPLAY PORT
CE 2011/65/EU(RoHS DIRECTIVE)
REGULATORY COMPLIANCE:
PIN GOLD FLASH
DISPLAY PORT
PIN GOLD FLASH
INSULATION BLACK,
20-PIN FEMALE,
"P2"
INSULATION BLACK,
PANEL CUTOUT
RECOMMENDED
ACCORDANCE WITH L-COM SPECIFICATION PS-0031
CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
"P1"
NOTES:
ELECTRICAL PROPERTIES:
CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY
1.
VOLTAGE TEST: DC 300V 10ms
2.
INSULATION RESISTANCE: 5.0M ohm/min
CONDUCTANCE RESISTANCE: 5.0 ohm/max
MISCELLANEOUS:
MOUNTING HARDWARE INCLUDED. 2X, 4-40 UNC-2A x 3/8" LG
PHILLIPS HEAD SCREW.
B
B
PIN 2
PIN 19
PIN 1
PIN 20
1.18
30.0
DPA00001-010I.SLDDRW
43321
A
B
C
R.CLARK
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
COLOR VARIATIONS
D
50 HIGH STREET
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
4/26/2017
8
1
B
DPA00001-010I
UNLESS OTHERWISE SPECIFIED,
1
4/27/2017
REVISIONS
DESCRIPTION
APPROVED
REV
4/27/2017
D.FRISIELLO
B.GATES
INITIAL RELEASE
B
MAY OCCUR
2/23/18
J.LABOY
A
04/27/17
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
NORTH ANDOVER, MA
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
DP MALE RA TO PNL MNT F CABLE
DATE
AUDIO/VIDEO
PROJECTION
ECN 9083: ADDED RECOMMENDED PANEL CUTOUT
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
(5) INDIVIDUAL CONDUCTORS, 30AWG
OVERALL SHIELD: ALUMINUM MYLAR PLUS BRAIDED COPPER
JACKET: PVC, BLACK
CABLE: UL20276
(5) INDIVIDUALLY SHIELDED TWISTED PAIRS, 30AWG
WITH ALUM/POLY FOIL SHIELD & DRAIN WIRE
2X, MOLDED HOOD
45P PVC, BLACK
34.0
254.0+25
0
1.34
10.0+-
1.0
.0
.44
11.3
A
A
PIN 2
PIN 19
SECTION A-A
SCALE 1 : 1
PIN 1
PIN 20


Similar Part No. - 43321

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
43321 L-COM-43321 Datasheet
62Kb / 1P
FIBER DUST CAPS 2.5MM PKG 100
12/29/10
43321 L-COM-43321 Datasheet
121Kb / 1P
DISPLAYPORT CABLE M/M
01/14/2011
43321 L-COM-43321 Datasheet
159Kb / 1P
DP M to DVI F ADPTR
6/2/17
43321 L-COM-43321 Datasheet
64Kb / 1P
DISPLAYPORT PNL ADAPT F-F
12/22/2010
43321 L-COM-43321 Datasheet
57Kb / 1P
DP TO DVI-D DUAL LINK CBL
11/8/11
More results

Similar Description - 43321

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SDKN-99-14 WINCHESTER-SDKN-99-14 Datasheet
58Kb / 1P
ADAPTER, PNL, F-F, N
logo
Pasternack Enterprises,...
PE36135 PASTERNACK-PE36135 Datasheet
261Kb / 1P
CABLE ASSEMBLY RG11A/U F MALE TO F MALE
PE36141 PASTERNACK-PE36141 Datasheet
263Kb / 1P
CABLE ASSEMBLY, RG59B/U-BLACK, F MALE TO F MALE
PE36132 PASTERNACK-PE36132 Datasheet
102Kb / 1P
CABLE ASSEMBLY, RG6-CATV, F MALE TO F MALE
PE36137 PASTERNACK-PE36137 Datasheet
261Kb / 1P
CABLE ASSEMBLY RG179B/U F MALE TO F MALE
PE36139 PASTERNACK-PE36139 Datasheet
261Kb / 1P
CABLE ASSEMBLY, RG187A/U, F MALE TO F MALE
PE37163 PASTERNACK-PE37163_17 Datasheet
90Kb / 1P
CABLE ASSEMBLY, RG6A/U, F MALE TO F MALE
logo
Japan Aviation Electron...
DB-25S-N JAE-DB-25S-N Datasheet
319Kb / 1P
CONN D-SUB RCPT 25POS PNL MNT
DD-50SF-N JAE-DD-50SF-N Datasheet
122Kb / 1P
CONN D-SUB RCPT 50POS PNL MNT
logo
Tensility International...
54-00081 TENSILITY-54-00081 Datasheet
110Kb / 1P
CONN JACK PNL MNT 3.5MM STEREO
2017.08.08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com