Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H431LK Datasheet (PDF) - Multicomp Pro

H431LK Datasheet PDF - Multicomp Pro
Part # H431LK
Download  H431LK Download
File Size   692.69 Kbytes
Page   7 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Shunt Regulator Voltage Reference

H431LK Datasheet (PDF)

Go To PDF Page Download Datasheet
H431LK Datasheet PDF - Multicomp Pro

Part # H431LK
Download  H431LK Click to download

File Size   692.69 Kbytes
Page   7 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Shunt Regulator Voltage Reference

H431LK Datasheet (HTML) - Multicomp Pro


H431LK Product details

Features
• Programmable Output Voltage to 40V
• Guaranteed 0.5% Reference Voltage Tolerance
• Low Dynamic Output Impedance 0.2Ω(Typ)
• Cathode Current Range (Continuous) -100 ~ 150mA
• Equivalent Full-Range Temperature Coefficient of 50 ppm/°C
• Temperature Compensated for Operation over Full Rated Operating Temperature Range
• Low Output Noise Voltage
• Fast Turn on Response
• SOT-23 packages
• ESD Tolerance (human body model) 2000V
• Operating Temperature Range -60°C to +125°C

Applications
• Switching Mode Power Supply
• Voltage Monitoring
• Adjustable Voltage and Current Referencing




Similar Part No. - H431LK

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H431 HSMC-H431 Datasheet
40Kb / 4P
AJDUSTABLE SHUNT REGULATOR
H431 HSMC-H431 Datasheet
173Kb / 7P
ADJUSTABLE SHUNT REGULATOR
H431AA HSMC-H431AA Datasheet
40Kb / 4P
AJDUSTABLE SHUNT REGULATOR
H431AM HSMC-H431AM Datasheet
44Kb / 4P
AJDUSTABLE SHUNT REGULATOR
H431BA HSMC-H431BA Datasheet
40Kb / 4P
AJDUSTABLE SHUNT REGULATOR
More results


Similar Description - H431LK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS2431 STMICROELECTRONICS-TS2431 Datasheet
278Kb / 6P
PROGRAMMABLE SHUNT VOLTAGE REFERENCE
Feb-2002
logo
Semtech Corporation
SC4041 SEMTECH-SC4041 Datasheet
139Kb / 6P
PRECISION SHUNT VOLTAGE REFERENCE
logo
Advanced Monolithic Sys...
AMS4040 ADMOS-AMS4040 Datasheet
60Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4041 ADMOS-AMS4041 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Analog Microelectronics
AME40 AME-AME40_1 Datasheet
181Kb / 14P
Shunt Bandgap Voltage Reference
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
Shunt Bandgap Voltage Reference
AME385-2.5 AME-AME385-2.5_1 Datasheet
171Kb / 14P
Shunt Bandgap Voltage Reference
logo
Advanced Monolithic Sys...
AMS4041 ADMOS-AMS4041_1 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Texas Instruments
LM4431 TI-LM4431_15 Datasheet
845Kb / 14P
Micropower Shunt Voltage Reference
logo
STMicroelectronics
TLVH431 STMICROELECTRONICS-TLVH431 Datasheet
823Kb / 15P
Programmable shunt voltage reference
23-Nov-2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com