Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5778R Datasheet (PDF) - Analog Devices

AD5778R Datasheet PDF - Analog Devices
Part # AD5778R
Download  AD5778R Download
File Size   1638.15 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2-Channel, 300 mA Current Source Output 16-Bit SoftSpan DAC

AD5778R Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5778R Datasheet PDF - Analog Devices

Part # AD5778R
Download  AD5778R Click to download

File Size   1638.15 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2-Channel, 300 mA Current Source Output 16-Bit SoftSpan DAC

AD5778R Datasheet (HTML) - Analog Devices


AD5778R Product details

FEATURES
► Per channel programmable output ranges: 300 mA, 200 mA, 100
mA, 50 mA, 25 mA, 12.5 mA, 6.25 mA, and 3.125 mA
► Flexible 2.85 V to 33 V supply voltage
► 1 V dropout guaranteed
► Separate voltage supply per output channel
► Internal switches to optional negative supply
► Full 16-bit resolution at all ranges
► Guaranteed operation –40°C to 125°C
► Precision (10 ppm/°C maximum) internal reference or external
reference input
► Analog mux monitors, voltages, and currents
► A/B toggle via SPI or dedicated pin
► 1.8 V to 5 V SPI
► 32-lead (5 mm × 5 mm) QFN package

APPLICATIONS
► Tunable lasers
► Semiconductor optical amplifiers
► Resistive heaters
► Current-mode biasing
► Proportional solenoid drive




Similar Part No. - AD5778R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5770R AD-AD5770R Datasheet
2Mb / 59P
6-Channel, 14-Bit, Current Output DAC
2/2019-Revision 0
AD5770RBCBZ-RL7 AD-AD5770RBCBZ-RL7 Datasheet
2Mb / 59P
6-Channel, 14-Bit, Current Output DAC
2/2019-Revision 0
More results


Similar Description - AD5778R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5422 AD-AD5422 Datasheet
326Kb / 37P
Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
AD5420 AD-AD5420 Datasheet
276Kb / 29P
Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5410 AD-AD5410_08 Datasheet
291Kb / 30P
Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrE
AD5412 AD-AD5412 Datasheet
334Kb / 38P
Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD5758 AD-AD5758 Datasheet
2Mb / 72P
Single-Channel, 16-Bit Current and Voltage Output DAC
5/2018-Revision 0
LTC2662 AD-LTC2662 Datasheet
1,022Kb / 28P
Five-Channel Current-Source- Output 16-Bit SoftSpan DACs
LTC2672 AD-LTC2672 Datasheet
541Kb / 26P
Five-Channel, Low Dropout, 300 mA, Current Source Output, 16-Bit SoftSpan DAC
12/2020-Revision 0
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
16-Channel, 16-Bit Voltage Output SoftSpan DAC
6/2021-Revision 0
DC2873A AD-DC2873A Datasheet
1Mb / 12P
Evaluating the LTC2688 16-Channel, 16-Bit Voltage Output SoftSpan DAC
6/2021-Revision 0
LTC2686 AD-LTC2686 Datasheet
2Mb / 43P
8-Channel, 16-Bit Voltage Output SoftSpan DAC
11/2021-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com