Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BME280 Datasheet (PDF) - Bosch Sensortec GmbH

BME280 Datasheet PDF - Bosch Sensortec GmbH
Part # BME280
Download  BME280 Download
File Size   2317.0 Kbytes
Page   60 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description Combined humidity and pressure sensor

BME280 Datasheet (PDF)

Go To PDF Page Download Datasheet
BME280 Datasheet PDF - Bosch Sensortec GmbH

Part # BME280
Download  BME280 Click to download

File Size   2317.0 Kbytes
Page   60 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description Combined humidity and pressure sensor

BME280 Datasheet (HTML) - Bosch Sensortec GmbH


BME280 Product details

Key features
• Package 2.5 mm x 2.5 mm x 0.93 mm metal lid LGA
• Digital interface I²C (up to 3.4 MHz) and SPI (3 and 4 wire, up to 10 MHz)
• Supply voltage VDD main supply voltage range: 1.71 V to 3.6 V VDDIO interface voltage range: 1.2 V to 3.6 V
• Current consumption 1.8 μA @ 1 Hz humidity and temperature 2.8 μA @ 1 Hz pressure and temperature 3.6 μA @ 1 Hz humidity, pressure and temperature 0.1 μA in sleep mode
• Operating range -40…+85 °C, 0…100 % rel. humidity, 300…1100 hPa
• Humidity sensor and pressure sensor can be independently enabled / disabled
• Register and performance compatible to Bosch Sensortec BMP280 digital pressure sensor
• RoHS compliant, halogen-free, MSL1




Similar Part No. - BME280

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
BME280 BOSCH-BME280 Datasheet
1Mb / 55P
Combined humidity and pressure sensor
More results


Similar Description - BME280

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
Humidity and Temperature Sensor
SHT25 ETC2-SHT25 Datasheet
426Kb / 12P
Humidity and Temperature Sensor
logo
TE Connectivity Ltd
MS8607-02BA01 TEC-MS8607-02BA01 Datasheet
618Kb / 22P
Integrated pressure, humidity and temperature sensor
MS8607 TEC-MS8607 Datasheet
179Kb / 4P
Digital Pressure and Humidity Sensor
logo
Humirel
MS8607 HUMIREL-MS8607 Datasheet
379Kb / 4P
Digital Pressure and Humidity Sensor
logo
Bosch Sensortec GmbH
BME280 BOSCH-BME280 Datasheet
1Mb / 55P
Combined humidity and pressure sensor
logo
HOPE Microelectronics C...
TH08 HOPE-TH08 Datasheet
529Kb / 21P
HUMIDITY AND TEMPERATURE SENSOR
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
Humidity and Temperature Sensor
Version 3
logo
Vaisala
PTU300 VAISALA-PTU300 Datasheet
5Mb / 5P
Combined Pressure, Humidity and Temperature Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com