Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BME280 Datasheet(PDF) 3 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 3 Page - Bosch Sensortec GmbH

  BME280 Datasheet HTML 1Page - Bosch Sensortec GmbH BME280 Datasheet HTML 2Page - Bosch Sensortec GmbH BME280 Datasheet HTML 3Page - Bosch Sensortec GmbH BME280 Datasheet HTML 4Page - Bosch Sensortec GmbH BME280 Datasheet HTML 5Page - Bosch Sensortec GmbH BME280 Datasheet HTML 6Page - Bosch Sensortec GmbH BME280 Datasheet HTML 7Page - Bosch Sensortec GmbH BME280 Datasheet HTML 8Page - Bosch Sensortec GmbH BME280 Datasheet HTML 9Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
Bosch Sensortec | BME280 Data sheet
3 | 60
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS001-23 Revision_1.23_012022
General Description
The BME280 is as combined digital humidity, pressure and temperature sensor based on proven
sensing principles. The sensor module is housed in an extremely compact metal-lid LGA package with
a footprint of only 2.5 × 2.5 mm² with a height of 0.93 mm. Its small dimensions and its low power
consumption allow the implementation in battery driven devices such as handsets, GPS modules or
watches. The BME280 is register and performance compatible to the Bosch Sensortec BMP280 digital
pressure sensor (see chapter 5.2 for details).
The BME280 achieves high performance in all applications requiring humidity and pressure
measurement. These emerging applications of home automation control, in-door navigation, fitness as
well as GPS refinement require a high accuracy and a low TCO at the same time.
The humidity sensor provides an extremely fast response time for fast context awareness applications
and high overall accuracy over a wide temperature range.
The pressure sensor is an absolute barometric pressure sensor with extremely high accuracy and
resolution and drastically lower noise than the Bosch Sensortec BMP180.
The integrated temperature sensor has been optimized for lowest noise and highest resolution. Its
output is used for temperature compensation of the pressure and humidity sensors and can also be
used for estimation of the ambient temperature.
The sensor provides both SPI and I²C interfaces and can be supplied using 1.71 to 3.6 V for the
sensor supply VDD and 1.2 to 3.6 V for the interface supply VDDIO. Measurements can be triggered by
the host or performed in regular intervals. When the sensor is disabled, current consumption drops to
0.1 µA.
BME280 can be operated in three power modes (see chapter 3.3):
•
sleep mode
•
normal mode
•
forced mode
In order to tailor data rate, noise, response time and current consumption to the needs of the user, a
variety of oversampling modes, filter modes and data rates can be selected.
Please contact your regional Bosch Sensortec partner for more information about software packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com