Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BME280 Datasheet(PDF) 24 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 24 Page - Bosch Sensortec GmbH

Back Button BME280 Datasheet HTML 20Page - Bosch Sensortec GmbH BME280 Datasheet HTML 21Page - Bosch Sensortec GmbH BME280 Datasheet HTML 22Page - Bosch Sensortec GmbH BME280 Datasheet HTML 23Page - Bosch Sensortec GmbH BME280 Datasheet HTML 24Page - Bosch Sensortec GmbH BME280 Datasheet HTML 25Page - Bosch Sensortec GmbH BME280 Datasheet HTML 26Page - Bosch Sensortec GmbH BME280 Datasheet HTML 27Page - Bosch Sensortec GmbH BME280 Datasheet HTML 28Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
Bosch Sensortec | BME280 Data sheet
24 | 60
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS001-23 Revision_1.23_012022
Table 15: Computational requirements for compensation formulas
Compensation of
Number of clocks (ARM Cortex-M3)
32 bit integer
64 bit integer
Double precision
Humidity
~83
–
~2900 11
Temperature
~46
–
~2400 11
Pressure
~112 12
~1400
~5400 11
4.2.2
Trimming parameter readout
The trimming parameters are programmed into the devices’ non-volatile memory (NVM) during
production and cannot be altered by the customer. Each compensation word is a 16-bit signed or
unsigned integer value stored in two’s complement. As the memory is organized into 8-bit words, two
words must always be combined in order to represent the compensation word. The 8-bit registers are
named calib00…calib41 and are stored at memory addresses 0x88…0xA1 and 0xE1…0xE7. The
corresponding compensation words are named dig_T# for temperature compensation related values,
dig_P# for pressure related values and dig_H# for humidity related values. The mapping is seen in
Table 16.
Table 16: Compensation parameter storage, naming and data type
Register Address
Register content
Data type
0x88 / 0x89
dig_T1 [7:0] / [15:8]
unsigned short
0x8A / 0x8B
dig_T2 [7:0] / [15:8]
signed short
0x8C / 0x8D
dig_T3 [7:0] / [15:8]
signed short
0x8E / 0x8F
dig_P1 [7:0] / [15:8]
unsigned short
0x90 / 0x91
dig_P2 [7:0] / [15:8]
signed short
0x92 / 0x93
dig_P3 [7:0] / [15:8]
signed short
0x94 / 0x95
dig_P4 [7:0] / [15:8]
signed short
0x96 / 0x97
dig_P5 [7:0] / [15:8]
signed short
0x98 / 0x99
dig_P6 [7:0] / [15:8]
signed short
0x9A / 0x9B
dig_P7 [7:0] / [15:8]
signed short
0x9C / 0x9D
dig_P8 [7:0] / [15:8]
signed short
0x9E / 0x9F
dig_P9 [7:0] / [15:8]
signed short
0xA1
dig_H1 [7:0]
unsigned char
0xE1 / 0xE2
dig_H2 [7:0] / [15:8]
signed short
0xE3
dig_H3 [7:0]
unsigned char
0xE4 / 0xE5[3:0]
dig_H4 [11:4] / [3:0]
signed short
0xE5[7:4] / 0xE6
dig_H5 [3:0] / [11:4]
signed short
11
Use only recommended for high-level programming languages like Matlab™ or LabVIEW™
12
Use only recommended for 8-bit micro controllers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com