Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BME280 Datasheet(PDF) 14 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 14 Page - Bosch Sensortec GmbH

Back Button BME280 Datasheet HTML 10Page - Bosch Sensortec GmbH BME280 Datasheet HTML 11Page - Bosch Sensortec GmbH BME280 Datasheet HTML 12Page - Bosch Sensortec GmbH BME280 Datasheet HTML 13Page - Bosch Sensortec GmbH BME280 Datasheet HTML 14Page - Bosch Sensortec GmbH BME280 Datasheet HTML 15Page - Bosch Sensortec GmbH BME280 Datasheet HTML 16Page - Bosch Sensortec GmbH BME280 Datasheet HTML 17Page - Bosch Sensortec GmbH BME280 Datasheet HTML 18Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
Bosch Sensortec | BME280 Data sheet
14 | 60
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS001-23 Revision_1.23_012022
3. Functional description
3.1 Block diagram
Figure 2
shows a simplified block diagram of the BME280:
Logic
Pressure
front-end
OSC
NVM
Voltage
reference
Voltage
regulator
(analog &
digital)
VDDIO
GND
I
n
t
e
r
f
a
c
e
SDI
SDO
SCK
CSB
VDD
POR
Pressure
sensing
element
Humidity
sensing
element
Humidity
front-end
Temperature
front-end
Temperature
sensing
element
ADC
Figure 2: Block diagram of BME280
3.2 Power management
The BME280 has two distinct power supply pins
•
VDD is the main power supply for all internal analog and digital functional blocks
•
VDDIO is a separate power supply pin used for the supply of the digital interface
A power-on reset (POR) generator is built in; it resets the logic part and the register values after both
VDD and VDDIO reach their minimum levels. There are no limitations on slope and sequence of raising
the VDD and VDDIO levels. After powering up, the sensor settles in sleep mode (described in chapter
3.3.2).
It is prohibited to keep any interface pin (SDI, SDO, SCK or CSB) at a logical high level when VDDIO is
switched off. Such a configuration can permanently damage the device due an excessive current flow
through the ESD protection diodes.
If VDDIO is supplied, but VDD is not, the interface pins are kept at a high-Z level. The bus can therefore
already be used freely before the BME280 VDD supply is established.
Resetting the sensor is possible by cycling VDD level or by writing a soft reset command. Cycling the
VDDIO level will not cause a reset.
3.3 Sensor modes
The BME280 offers three sensor modes: sleep mode, forced mode and normal mode. These can be
selected using the mode[1:0] setting (see chapter 5.4.5). The available modes are:
•
Sleep mode: no operation, all registers accessible, lowest power, selected after startup
•
Forced mode: perform one measurement, store results and return to sleep mode
•
Normal mode: perpetual cycling of measurements and inactive periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com