Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BME280 Datasheet(PDF) 54 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 54 Page - Bosch Sensortec GmbH

Back Button BME280 Datasheet HTML 50Page - Bosch Sensortec GmbH BME280 Datasheet HTML 51Page - Bosch Sensortec GmbH BME280 Datasheet HTML 52Page - Bosch Sensortec GmbH BME280 Datasheet HTML 53Page - Bosch Sensortec GmbH BME280 Datasheet HTML 54Page - Bosch Sensortec GmbH BME280 Datasheet HTML 55Page - Bosch Sensortec GmbH BME280 Datasheet HTML 56Page - Bosch Sensortec GmbH BME280 Datasheet HTML 57Page - Bosch Sensortec GmbH BME280 Datasheet HTML 58Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
Bosch Sensortec | BME280 Data sheet
54 | 60
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS001-23 Revision_1.23_012022
10.2 Function return codes
A list of the possible function return codes can be found below.
0
Sensor OK
10
Communication error or wrong device found
20
Trimming data out of bound
30
Temperature bond wire failure or MEMS defect
31
Pressure bond wire failure or MEMS defect
40
Implausible temperature (default limits: 0…40°C)
41
Implausible pressure (default limits: 900…1100 hPa)
42
Implausible humidity (default limits: 20...80 %rH)
Error testing is done in ascending error code sequence. This means that if e.g. a trimming data error is
detected (code 20), the temperature plausibility (code 40) is not checked anymore. Instead, error code
20 is returned and no others tests are performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com