Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BME280 Datasheet(PDF) 19 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 19 Page - Bosch Sensortec GmbH

Back Button BME280 Datasheet HTML 15Page - Bosch Sensortec GmbH BME280 Datasheet HTML 16Page - Bosch Sensortec GmbH BME280 Datasheet HTML 17Page - Bosch Sensortec GmbH BME280 Datasheet HTML 18Page - Bosch Sensortec GmbH BME280 Datasheet HTML 19Page - Bosch Sensortec GmbH BME280 Datasheet HTML 20Page - Bosch Sensortec GmbH BME280 Datasheet HTML 21Page - Bosch Sensortec GmbH BME280 Datasheet HTML 22Page - Bosch Sensortec GmbH BME280 Datasheet HTML 23Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
Bosch Sensortec | BME280 Data sheet
19 | 60
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS001-23 Revision_1.23_012022
The step response (e.g. response to in sudden change in height) of the different filter settings is
displayed in Figure 7.
Figure 7: Step response at different IIR filter settings
3.5 Recommended modes of operation
The different oversampling options, filter settings and sensor modes result in a large number of
possible settings. In this chapter, a number of settings recommended for various scenarios are
presented.
3.5.1
Weather monitoring
Description: Only a very low data rate is needed. Power consumption is minimal. Noise of pressure
values is of no concern. Humidity, pressure and temperature are monitored.
Table 7: Settings and performance for weather monitoring
Suggested settings for weather monitoring
Sensor mode
forced mode, 1 sample / minute
Oversampling settings
pressure ×1, temperature ×1, humidity ×1
IIR filter settings
filter off
Performance for suggested settings
Current consumption
0.16 µA
RMS Noise
3.3 Pa / 30 cm, 0.07 %RH
Data output rate
1/60 Hz
3.5.2
Humidity sensing
Description: A low data rate is needed. Power consumption is minimal. Forced mode is used to
minimize power consumption and to synchronize readout, but using normal mode would also be
possible.
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
0
10
20
30
40
50
60
70
80
90
100
Number of samples
p
p
g
filter off
2
4
8
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com