Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BME280 Datasheet(PDF) 21 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 21 Page - Bosch Sensortec GmbH

Back Button BME280 Datasheet HTML 17Page - Bosch Sensortec GmbH BME280 Datasheet HTML 18Page - Bosch Sensortec GmbH BME280 Datasheet HTML 19Page - Bosch Sensortec GmbH BME280 Datasheet HTML 20Page - Bosch Sensortec GmbH BME280 Datasheet HTML 21Page - Bosch Sensortec GmbH BME280 Datasheet HTML 22Page - Bosch Sensortec GmbH BME280 Datasheet HTML 23Page - Bosch Sensortec GmbH BME280 Datasheet HTML 24Page - Bosch Sensortec GmbH BME280 Datasheet HTML 25Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Bosch Sensortec | BME280 Data sheet
21 | 60
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS001-23 Revision_1.23_012022
Table 10: Settings and performance for gaming
Suggested settings for gaming
Sensor mode
normal mode, tstandby = 0.5 ms
Oversampling settings
pressure ×4, temperature ×1, humidity ×0
IIR filter settings
filter coefficient 16
Performance for suggested settings
Current consumption
581 µA
RMS Noise
0.3 Pa / 2.5 cm
Data output rate
83 Hz
Filter bandwidth
1.75 Hz
Response time (75%)
0.3 s
3.6 Noise
The noise depends on the oversampling and, for pressure and temperature, on the filter setting used.
The stated values were determined in a controlled environment and are based on the average
standard deviation of 32 consecutive measurement points taken at highest sampling speed. This is
needed in order to exclude long term drifts from the noise measurement. The noise depends both on
humidity/pressure oversampling and temperature oversampling, since the temperature value is used
for humidity/pressure temperature compensation. The oversampling combinations use below results in
an optimal power to noise ratio.
Table 11: Noise and current for humidity
Humidity / temperature
oversampling setting
Typical RMS noise in
humidity [%RH] at 25 °C
Typ. current [µA] at 1 Hz forced
mode, 25 °C, humidity and
temperature measurement, incl.
IDDSM
×1 / ×1
0.07
1.8
×2 / ×1
0.05
2.5
×4 / ×1
0.04
3.8
×8 / ×1
0.03
6.5
×16 / ×1
0.02
11.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com