Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM350 Datasheet (PDF) - Bosch Sensortec GmbH

BMM350 Datasheet PDF - Bosch Sensortec GmbH
Part # BMM350
Download  BMM350 Download
File Size   2422.22 Kbytes
Page   63 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description 3-axis magnetic sensor with high data rate

BMM350 Datasheet (PDF)

Go To PDF Page Download Datasheet
BMM350 Datasheet PDF - Bosch Sensortec GmbH

Part # BMM350
Download  BMM350 Click to download

File Size   2422.22 Kbytes
Page   63 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description 3-axis magnetic sensor with high data rate

BMM350 Datasheet (HTML) - Bosch Sensortec GmbH


BMM350 Product details

1. Basic Description
The BMM350 is a 3-axis magnetic sensor which operates in automatic mode or triggered mode. The magnetic-to-digital conversion technology is based on TMR (tunnel magneto resistance)
The BMM350 is designed to meet all requirements for high performance consumer applications such as magnetic compass, virtual, augmented and mixed reality applications and high-end gaming, platform stabilization applications such as image stabilization, or indoor navigation and dead-reckoning, for example in robotics applications.
Evaluation circuitry converts the output of the magnetic transducer sensing structures, developed, produced and tested in BOSCH facilities. The corresponding chip-sets are packed into one single WLCSP 1.28mm x 1.28mm x 0.5mm housing. For optimum system integration the BMM350 is fitted with digital interfaces (I2C, I3C), offering a wide VDDIO voltage range from 1.72V to 3.6V. To provide maximum performance and reliability each device is tested and ready-to-use calibrated.
The BMM350 has an excellent temperature behaviour with an outstanding low temperature coefficients of the offset (TCO) and of the sensitivity (TCS).
An API is provided for quick integration into the target system.
Key features
Three-axis magnetic field sensor
• Ultra-Small package Wafer Level Chip Scale Package (9 pins, 0.4mm ball pitch) footprint 1.28 x 1.28 mm2, height 0.5 mm
• Digital interface I2C, I3C, 1 interrupt pin, 1 pin for I2C/I3C (legacy) address definition
• Low voltage operation VDD supply voltage range: 1.72V to 1.98V VDDIO interface voltage range: 1.72V to 3.6V
• Flexible functionality Magnetic field range typical: ±2000μT (x, y-axis), ±2000μT (z-axis)
Magnetic field resolution of ~0.1μT
• On-chip interrupt controller Interrupt-signal generation for new data
• Ultra-low power Low current consumption (typ. 200μA @ 100 Hz in regular power preset), short wake-up time
• Normal and forced mode periodic operation (normal mode) and triggered operation (forced mode)
• Temperature range -40 °C … +85 °C
• RoHS compliant, halogen-free
Typical applications
• Magnetic heading information
• Tilt-compensated electronic compass for map rotation, navigation and augmented reality
• Gyroscope calibration in 9-DoF applications for mobile devices
• In-door navigation, e.g. step counting in combination with accelerometer
• Gaming (AR/VR)




Similar Part No. - BMM350

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
BMM350 BOSCH-BMM350 Datasheet
328Kb / 3P
High-performance magnetometer
Version_1.0_102022
More results


Similar Description - BMM350

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMC1043 HONEYWELL-HMC1043 Datasheet
127Kb / 6P
3-Axis Magnetic Sensor
HMC1023 HONEYWELL-HMC1023 Datasheet
465Kb / 7P
3-AXIS MAGNETIC SENSOR
HMC1042L HONEYWELL-HMC1042L Datasheet
409Kb / 6P
2-Axis Magnetic Sensor
HMC1043-TR HONEYWELL-HMC1043-TR Datasheet
353Kb / 6P
3-Axis Magnetic Sensor
logo
Asahi Kasei Microsystem...
AK9970 AKM-AK9970 Datasheet
102Kb / 5P
3-axis Magnetic Sensor with Programmable Switch
logo
Willow Technologies Ltd
CRM500-510 WILLOW-CRM500-510 Datasheet
621Kb / 2P
3-Axis Magnetic Field Sensor
logo
Asahi Kasei Microsystem...
AK09970 AKM-AK09970 Datasheet
102Kb / 5P
3-axis Magnetic Sensor with Programmable Switch
logo
Honeywell Solid State E...
HMC1041Z HONEYWELL-HMC1041Z Datasheet
284Kb / 6P
One-Axis Magnetic Sensor
logo
MEMSIC Semiconductor (T...
MMC5883MA MEMSIC-MMC5883MA Datasheet
441Kb / 15P
짹8Gauss, High Performance, Low Cost 3-axis Magnetic Sensor
Rev.C
MMC5983MA MEMSIC-MMC5983MA Datasheet
975Kb / 20P
짹8 Gauss, High Performance 3-axis Magnetic Sensor
Rev A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com